Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT65-0107 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT65-0107
Description  Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0107 Datasheet(HTML) 2 Page - Tyco Electronics

  AT65-0107 Datasheet HTML 1Page - Tyco Electronics AT65-0107 Datasheet HTML 2Page - Tyco Electronics AT65-0107 Datasheet HTML 3Page - Tyco Electronics AT65-0107 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
$
$
+ # , *-
.
$
7
"
%
/ 0
;
<46
"
"
7
<46
>
"
!
$
1 2
3
4
!
$
1 2
,
7
' '1 ;A=
' 1 * ' ;A=
E*. 3
E(/ 3
4
2
2
2
E1 12
& 12
$
/'F
E&1F
4
$
)1F
E0*1F
5
2
/
' 12
2
E' 12
2
' 12
2
E' 12
( <,
"
/ 4
4 $$5
!
#
5
0
6
1
)
#0 )
1 2)
5
G
6
0 ' ;A=
6
* ' ;A=
3
3
G
( 0
( )
( )
/ *
3
"
3
6
* ' ;A=
3
G
G
H ( E/I
248 9
+
9
6
* ' ;A=
9
G
0 &%0
* 0
4
4
0
1'I
-'I 0'I 9+
0'I
-'I
-'I
0'I
G
G
4
4
G
G
.1
*'
01'
1'
0 3
G
G
1'
A=
' 1 * ' ;A=
3
3
G
G
E*0
E*-
G
G
7(
$
E1 3
1'
A=
' 1 * ' ;A=
3
3
G
G
E(1
E/&
G
G
2
2
G
G
G
G
2
2
/ .1
& '
1 '
1 '
1 *1
/ .1
5
J'K
4
*' L
,
G
2
' '
G
' &
5
J0K
4
*' L
,
G
2
* '
G
1 '
2
,!5
J'K
J0K
G
G
' *
)
2
,!5
J'K
J0K
G
G
' *
0
0 6
'0M+
>



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com