Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT65-0233 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT65-0233
Description  Digital Attenuator 30dB, 4-Bit, TTL Driver, DC-3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0233 Datasheet(HTML) 2 Page - Tyco Electronics

  AT65-0233 Datasheet HTML 1Page - Tyco Electronics AT65-0233 Datasheet HTML 2Page - Tyco Electronics AT65-0233 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
$
%
&
$)1 '*((
7
0) 4
6
$)1 '*(($A
$
A
0D A
$)1 '*(( $3
E
$
3
' ( ) *+,
(
$
-
.
/
!
(.
! "
4
F
5
' 1 <C>
5
* ' <C>
5
( ' <C>
3
3
3
F
F
F
0 .
* (
* )
* '
* .
( 0
3
"
3
5
( ' <C>
3
27G A
+
A
5
* ' <C>
A
F
F
0 .%0
$
!$
!
$
!$
$
0'H
-'H
1'H
-'H 0'H A+
3
7
7
2
F
F
F
0'
('
(1
1'
01'
F
0 3
6
6
' '1 <C>
' 1 ( ' <C>
3
3
F
F
:*'
:*&
F
F
6(
$
:1
3
' '1 <C>
' 1 ( ' <C>
3
3
F
:/'
:1'
F
F
6*
$
:1
3
' '1 <C>
' 1 ( ' <C>
3
3
F
F
:/1
:)&
F
F
2
2
F
F
F
F
2
2
/ 1
& '
1 '
1 '
1 1
/ .1
2
2
4
' $$4
4
0 $$4
F
F
2
2
' '
* '
F
F
' &
1 '
4
4
4
C
'
' & 2
* '
1 ' 2
F
F
I
I
F
F
F
F
*'
*'
2
B/ 1
1 12
F
F
F
/ '
2
B 1 '
J& '
F
F
F
0
: ' / :&H
(
(
*
0
'
'
'
0
'
'
1
'
4
!A
'
* ' 3
'
0
'
'
/ ' 3
'
'
0
'
& ' 3
'
'
'
0
0) ' 3
0
0
0
0
(' ' 3
' B $$44
K0 B $$4C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com