Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT65-0263 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT65-0263
Description  Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0263 Datasheet(HTML) 2 Page - Tyco Electronics

  AT65-0263 Datasheet HTML 1Page - Tyco Electronics AT65-0263 Datasheet HTML 2Page - Tyco Electronics AT65-0263 Datasheet HTML 3Page - Tyco Electronics AT65-0263 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
%
&
'
$)1 '*)(
3
7
$)1 '*)($9
$
9
0C 9
$)1 '*)( $3
D
$
3
!
!
( ) * +,-
)
%
.
/
0
"
)/
" #
5
E
6
* ' ;@=
3
E
* &
( *
3 &
0 * / & 0)
"
"
( *- 3
"
"
(' (0 3
6
* ' ;@=
6
* ' ;@=
6
* ' ;@=
3
3
3
E
E
E
248 9
+
9
6
* ' ;@=
9
E
0 1%0
0 &%0
4
4
0
1'F
-'F 0'F 9+
0'F
-'F
-'F
0'F
4
4
E
E
.1
*'
01'
1'
0 3
E
E
1'
@=
' 1 * ' ;@=
3
3
E
E
A*0
A*/
E
E
7(
$
A1 3
1'
@=
' 1 * ' ;@=
3
3
E
A(1
A/&
E
E
2
2
E
E
E
E
2
2
/ .1
& '
1 '
1 '
1 1
/ .1
5
G'H
4
*' I
,
E
2
' '
E
' &
5
G0H
4
*' I
,
E
2
* '
E
1 '
2
,!5
G'H
G0H
E
E
' *
)
2
,!5
G'H
G0H
E
E
' *
0
$
9
J
7 3
+9/
!
!
A*1
E
8
E
-' 0('
E
E
E
E
K 1 A1F
K 1A1F
K .A.F
E
E
)
)
!
1
2
'
'
'
'
'
'
+
'
5
!9
'
0 ' 3
'
'
'
0
* ' 3
'
'
0
'
/ ' 3
'
0
'
0
& ' 3
0
'
0
0
0) ' 3
'
0
'
'
'
'
0
0
0
0
0
(0 ' 3
' L $$55
M0 L $$5@
0 6
'0 I+
>



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com