Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C86-RBN7T Datasheet(PDF) 16 Page - STMicroelectronics

Part # M93C86-RBN7T
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-RBN7T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M93C86-RBN7T Datasheet HTML 12Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 13Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 14Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 15Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 16Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 17Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 18Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 19Page - STMicroelectronics M93C86-RBN7T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
16/31
Table 15. DC Characteristics (M93Cx6, Device Grade 6)
Table 16. DC Characteristics (M93Cx6, Device Grade 7 or 3)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤VIN ≤VCC
±2.5
µA
ILO
Output Leakage Current
0V
≤VOUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply Current
VCC = 5V, S = VIH, f = 2 MHz, Q = open
2
mA
ICC1
Supply Current (Stand-by)
VCC = 5V, S = VSS, C = VSS,
ORG = VSS or VCC
15
µA
VIL
Input Low Voltage
VCC = 5V ± 10%
–0.45
0.8
V
VIH
Input High Voltage
VCC = 5V ± 10%
2
VCC + 1
V
VOL
Output Low Voltage
VCC = 5V, IOL = 2.1mA
0.4
V
VOH
Output High Voltage
VCC = 5V, IOH = –400µA
2.4
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤VIN ≤VCC
±2.5
µA
ILO
Output Leakage Current
0V
≤VOUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply Current
VCC = 5V, S = VIH, f = 2 MHz, , Q = open
2
mA
ICC1
Supply Current (Stand-by)
VCC = 5V, S = VSS, C = VSS,
ORG = VSS or VCC
15
µA
VIL
Input Low Voltage
VCC = 5V ± 10%
–0.45
0.8
V
VIH
Input High Voltage
VCC = 5V ± 10%
2
VCC + 1
V
VOL
Output Low Voltage
VCC = 5V, IOL = 2.1mA
0.4
V
VOH
Output High Voltage
VCC = 5V, IOH = –400µA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com