Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8569CS7 Datasheet(PDF) 6 Page - Excelliance MOS Corp.

Part # EM8569CS7
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8569CS7 Datasheet(HTML) 6 Page - Excelliance MOS Corp.

Back Button EM8569CS7 Datasheet HTML 2Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 3Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 4Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 5Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 6Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 7Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 8Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 9Page - Excelliance MOS Corp. EM8569CS7 Datasheet HTML 10Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2013/11/01
Rev.A.1
6
EM8569C
Frequency variation vs. Temperature fDT
-20
°C to 105°C (Note4)
3
%
COMP Section
COMP short to GND current
ICOMP
VCOMP=0V
150
250
350
uA
Open loop COMP voltage
VCOMP
COMP pin open
5.2
V
COMP voltage to CS voltage
Attenuation
Av
1 / 2.5
1 / 3
1 / 3.5
V/V
Green mode COMP Threshold
Voltage
VCOMP-G
2.8
V
COMP voltage for zero duty
VCOMP-ZD
1.3
V
BNO Section
Brown-in
threshold
VBNO-IN
2.6
2.8
3
V
Brown-out
threshold
VBNO-OUT
2.1
2.3
2.5
V
BNO function disable threshold
VBNO-DIS
0.15
0.2
0.25
V
Protection Section
Open loop protection delay time
Tdelay
56
mS
Open loop protection COMP Trip
voltage
VOLP
4.0
V
Internal Temperature Shutdown
TSD
150
°C
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution is recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com