Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7136 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # PAC7136
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7136 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PAC7136 Datasheet HTML 32Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 33Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 34Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 35Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 36Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 37Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 38Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 39Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Device Pin Assignments
Freescale Semiconductor
36
4
Device Pin Assignments
The MAC7100 Family is available in 208-pin ball grid array (MAP BGA), 144-pin low profile quad flat
(LQFP), 112-pin LQFP, and 100-pin LQFP package options. The family of devices offer pin-compatible
packaged devices to assist with system development and accommodate a direct application enhancement
path. Refer to Table 2 for a comparison of the peripheral sets and package options for each device.
Most pins perform two or more functions, which are described in more detail in the MAC7100
Microcontroller Family Reference Manual (MAC7100RM). Table 37, Table 38 and Figure 15 through
Figure 22 show the pin assignments for various devices and packages.
Table 37. Signal Pin Assignments
Primary /
GPIO
Function
Peripheral
Function 1
External
Bus
Function 1
Debug
Function 1
Read on
Reset
Pin Number (by Device)
7101
7106
7111
7116
7112
7121
7126
7122
7131
7136
7141
7142
EXTAL
—
—
—
—
60
60
60
48
48
T10
T10
45
XTAL
—
—
—
—
61
61
61
49
49
T11
T11
46
XFC
—
—
—
—
58
58
58
46
46
T9
T9
43
RESET
—
—
—
—
48
48
48
36
36
T7
T7
33
TDI
—
—
—
—
128
128
128
102
102
A8
A8
93
TDO
—
—
—
—
129
129
129
103
103
B8
B8
94
TCK
—
—
—
—
130
130
130
104
104
A7
A7
95
TMS
—
—
—
—
131
131
131
105
105
B7
B7
96
——
TA / AS 2
—
—
—
79
———
M14
M14
—
PA0
—
DATA0 3
MCKO 4
—
138
138
138
106
106
B5
B5
—
PA1
—
DATA1 3
EVTO
—
137
137
137
—
—
C5
C5
—
PA2
—
DATA2 3
EVTI
—
136
136
136
—
—
A5
A5
—
PA3
—
DATA3 3
MDO0
—
135
135
135
—
—
C6
C6
—
PA4
—
DATA4 3
MDO1
—
134
134
134
—
—
B6
B6
—
PA5
—
DATA5 3
MSEO
—
133
133
133
—
—
A6
A6
—
PA6
—
DATA6 3
RDY
—
132
132
132
—
—
C7
C7
—
PA7
—
DATA7 3
—
—
—
9898
7474
H15
H15
65
PA8
—
DATA8 3
—
—
—
9797
7373
H13
H13
64
PA9
—
DATA9 3
—
—
—
9696
7272
H14
H14
63
PA10
—
DATA10 3
—
—
—
9595
7171
H16
H16
—
PA11
—
DATA11 3
—
—
—
9494
7070
J15
J15
—
PA12
—
DATA12 3
—
—
—
9393
6969
J14
J14
—
PA13
—
DATA13 3
—
—
67
67
67
53
53
R12
R12
—
PA14
—
DATA14 3
—PS 3
66
66
66
52
52
T12
T12
—
PA15
—
DATA15 3
—AA 3
65
65
65
51
51
P11
P11
48
PB0
SDA
—
—
—
15
15
15
11
11
G1
G1
8
PB1
SCL
—
—
—
16
16
16
12
12
H3
H3
9
PB2
SIN_A
—
—
—
17
17
17
13
13
H2
H2
10
PB3
SOUT_A
—
—
—
18
18
18
14
14
H1
H1
11
PB4
SCK_A
—
—
—
19
19
19
15
15
J3
J3
12
PB5
PCS0_A /
SS_A
—
—
—
20
20
20
16
16
J1
J1
13
PB6
PCS1_A
—
—
—
21
21
21
17
17
J2
J2
14
PB7
PCS2_A
—
—
—
22
22
22
18
18
K1
K1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com