Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101CFU50 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MAC7101CFU50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101CFU50 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MAC7101CFU50 Datasheet HTML 35Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 36Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 39Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 40Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 41Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 42Page - Freescale Semiconductor, Inc MAC7101CFU50 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Device Pin Assignments
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
39
PG14
RXD_C
—
—
—
139
139
139
107
107
A4
A4
—
PG15
TXD_C
—
—
—
140
140
140
108
108
B4
B4
—
PH0
AN0_B
—
—
—
88
—
—
—
—
G13
G13
—
PH1
AN1_B
—
—
—
90
—
—
—
—
G14
G14
—
PH2
AN2_B
—
—
—
92
—
—
—
—
F16
F16
—
PH3
AN3_B
—
—
—
94
—
—
—
—
F15
F15
—
PH4
AN4_B
—
—
—
96
—
—
—
—
E16
E16
—
PH5
AN5_B
—
—
—
98
—
—
—
—
E15
E15
—
PH6
AN6_B
—
—
—
100
—
—
—
—
D16
D16
—
PH7
AN7_B
—
—
—
102
—
—
—
—
C16
C16
—
PH8
AN8_B
—
—
—
104
—
—
—
—
B16
B16
—
PH9
AN9_B
—
—
—
106
—
—
—
—
B14
B14
—
PH10
AN10_B
—
—
—
108
—
—
—
—
D13
D13
—
PH11
AN11_B
—
—
—
114
—
—
—
—
A13
A13
—
PH12
AN12_B
—
—
—
116
—
—
—
—
B12
B12
—
PH13
AN13_B
—
—
—
118
—
—
—
—
C11
C11
—
PH14
AN14_B
—
—
—
120
—
—
—
—
A11
A11
—
PH15
AN15_B
—
—
—
122
—
—
—
—
B10
B10
—
PI0
PCS3_A
—
—
—
——
———
—
C3
—
PI1
PCS4_A
—
—
—
——
———
—
D5
—
PI2
PCS6_A
—
—
—
——
———
—
D4
—
PI3
PCS7_A
—
—
—
——
———
—
E4
—
PI4
PCS3_B
—
—
—
——
———
—
G4
—
PI5
PCS4_B
—
—
—
——
———
—
J4
—
PI6
PCS6_B
—
—
—
——
———
—
K4
—
PI7
PCS7_B
—
—
—
——
———
—
L4
—
PI8
—
—
—
—
——
———
—
N4
—
PI9
—
—
—
—
——
———
—
P3
—
PI10
—
—
—
—
——
———
—
R2
—
PI11
—
—
—
—
——
———
—
R15
—
PI12
—
—
—
—
——
———
—
N11
—
PI13
—
—
—
—
——
———
—
N12
—
PI14
—
—
—
—
——
———
—
N13
—
PI15
—
—
—
—
——
———
—
P14
—
NOTES:
1. The MAC7100 family maximum peripheral configurations are listed in these columns. Some family members do not implement the full
complement of ATD, CAN, DSPI and eSCI peripherals. Refer to Table 2 on page 3 for availability of peripheral functions on various devices.
2. AS function not available on mask set L49P devices.
3. MAC7111, MAC7116, MAC7131 and MAC7136 only.
4. The MCKO function cannot be used on MAC7121 devices (the alternate Nexus port must be used).
5. On MAC7121 mask set L49P devices, PB11 / PCS2_B is bonded out on pin 57.
6. PD2 function not available on mask set L49P devices.
7. Optional debug status port not available on mask set L49P devices.
8. CAN C, CAN D and eSCI D not available on MAC7112, MAC7122 and MAC7142 devices.
Table 37. Signal Pin Assignments (continued)
Primary /
GPIO
Function
Peripheral
Function 1
External
Bus
Function 1
Debug
Function 1
Read on
Reset
Pin Number (by Device)
7101
7106
7111
7116
7112
7121
7126
7122
7131
7136
7141
7142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com