Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1283 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT90-1283
Description  Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-1283 Datasheet(HTML) 2 Page - Tyco Electronics

  AT90-1283 Datasheet HTML 1Page - Tyco Electronics AT90-1283 Datasheet HTML 2Page - Tyco Electronics AT90-1283 Datasheet HTML 3Page - Tyco Electronics AT90-1283 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
#
#
) " * +%',
#
- .
/
0
#
- .
,
5
' '1 ;B<
' 1 ( 1 ;B<
F*. 3
F(/ 3
4
2
2
F1 12
$
/'H
F&1H
4
$
)1H
F0*1H
7
2
/
' 12
2
F' 12
( 9,
"
/ 4
4 $$7
!
"
1
2
3
-
!
"2 !
- .!
7
I
6
( 1 ;B<
3
I
* &
( *
3
' 1 0 / & 3
3 * 3
"
3
0
01 1 3
6
( 1 ;B<
6
( 1 ;B<
6
( 1 ;B<
3
3
3
I
I
I
I
I
I
J ( F1K
J / F0'K
J 1 F.K
24L C
+
C
6
( 1 ;B<
C
I
0 1M)%0
0 &%0
4
4
1'K
-'K 0'K C+
0'K
-'K
-'K
0'K
I
I
4
4
I
I
.1
*'
01'
1'
0 3
I
I
1'
B<
' 1 ( 1 ;B<
3
3
I
I
F*0
F*-
I
I
5(
$
F1 3
1'
B<
' 1 ( 1 ;B<
3
3
I
I
F(1
F/&
I
I
F2
I
I
2
/ .1
1 '
1 *1
7
N'O
4
*' G
,
I
2
' '
I
' &
7
N0O
4
*' G
,
I
2
* '
I
1 '
0
2
,!
7
N'O
N0O
I
I
)
0'
$
C
8
I
I
L
I
01
I
$
*
+
I
I
I
0*1
4
>
;
6
6
( 1
B<
3
I
-(
I
/
4
'
1
>
*'&(
"
0 6
!
?
N$
O
!
* $
6
6
0'' G
,
"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com