Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101MFU50 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MAC7101MFU50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101MFU50 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MAC7101MFU50 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAC7101MFU50 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
13
3.7.4
Voltage Regulator Characteristics
Table 17. VREG Operating Conditions
Num
C
Characteristic
Symbol
Min
Typical
Max
Unit
H1
P Input Voltages
VVDDRA
3.15
—
5.5
V
H2
P Output Voltage, Digital Logic
Full Performance Mode
Reduced Power Mode
Shutdown Mode
VDD2.5
2.45
1.60
— 1
NOTES:
1. High impedance output.
2.5
2.5
— 1
2.75
2.75
— 1
V
V
V
H3
P Output Voltage, PLL
Full Performance Mode
Reduced Power Mode 2
Reduced Power Mode 3
Shutdown Mode
2. Current IDDPLL = 1 mA (Low Power Oscillator).
3. Current IDDPLL = 3 mA (Standard Oscillator).
VDDPLL
2.35
2.00
1.60
— 1
2.5
2.5
2.5
— 1
2.75
2.75
2.75
— 1
V
V
V
V
H4
P Low Voltage Interrupt 4
Assert Level
Negate Level
4. Monitors VDDA, active only in full performance mode. This interrupt indicates that I/O and ATD performance may be
degraded due to low supply voltage.
VLVIA
VLVID
4.10
4.25
4.37
4.52
4.66
4.77
V
V
H5
P Low Voltage Reset 5
Assert Level
5. Monitors VDD2.5, active only in full performance mode. Only POR is active in reduced performance mode.
VLVRA
2.25
2.35
—
V
H6
P Power On Reset 6
Assert Level
Negate Level
6. Monitors VDD2.5, active in all modes.
VPORA
VPORD
0.97
—
—
—
—
2.05
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com