Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-119SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-119SMB
Description  2.25 Volt Variable Absorptive Attenuator, 42dB 1.8 - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-119SMB Datasheet(HTML) 2 Page - Tyco Electronics

  AT-119SMB Datasheet HTML 1Page - Tyco Electronics AT-119SMB Datasheet HTML 2Page - Tyco Electronics AT-119SMB Datasheet HTML 3Page - Tyco Electronics AT-119SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.25 Volt Voltage Variable Absorptive Attenuator
42 dB, 1.8 - 2.5 GHz
AT-119
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V9
2
Electrical Specifications: TA = 25°C, Frequency = 2.4 GHz, VCC = 3.3 V, Z0 = 50 Ω
Parameter
Test Conditions 4,5
Units
Min.
Typ.
Max.
Insertion Loss
VCTL = 2.25 V
dB
—
2.4
3.2
Maximum Attenuation
VCTL = 0.5 V
dB
37
42
—
Attenuation Slope
0.75 V < VCTL < 1.75 V
dB/V
24
—
—
Return Loss
0.0 V < VCTL < 0.75 V
0.75 V < VCTL < 1.75 V
1.75 V < VCTL < 2.25 V
dB
dB
dB
—
—
—
6
10
14
—
—
—
Input Power for 1dB Change in Attenuation
0.75 V < VCTL < 2.25 V
dBm
—
10
—
Input 3rd Order Intercept Point
0.75 V < VCTL < 2.25 V
dBm
—
15
—
Switching Speed
50% VCTL to 10% / 90% RF
nS
—
100
—
Transients
VCTL = 3 V, In-Band
mV
—
10
—
4.
External DC blocking capacitors are required on all RF ports.
5.
VCC = +3.3 V @ 50 µA typical. VCTL = 0 V to +2.25 V @ 50 µA typical.
Application Schematic
RF IN/
OUT
RF IN/
OUT
VCC
V control
100 pF
100 pF
220 pF
15 pF
RF IN/
OUT
RF IN/
OUT
VCC
V control
100 pF
100 pF
220 pF
15 pF
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com