Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101VAF50 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MAC7101VAF50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101VAF50 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MAC7101VAF50 Datasheet HTML 31Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 32Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 33Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 34Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 35Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 36Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
35
3.13.8 NVM Reliability
The reliability of the NVM blocks is guaranteed by stress test during qualification, constant process
monitors and burn-in to screen early life failures. The failure rates for data retention and program/erase
cycling are specified at the operating conditions noted. The program/erase cycle count on the sector is
incremented every time a sector or mass erase event is executed.
NOTE
All values shown in Table 36 are target values and subject to
characterization. For Flash cycling performance, each program operation
must be preceded by an erase.
Table 36. NVM Reliability Characteristics
Conditions shown in Table 7 unless otherwise noted.
Num
C
Rating
Min
Unit
X11
C Program/Data Flash Program/Erase endurance (–40C to +125C)
10,000
Cycles
X12
C Program/Data Flash Data Retention Lifetime
15
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com