Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-267SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-267SMB
Description  Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-267SMB Datasheet(HTML) 2 Page - Tyco Electronics

  AT-267SMB Datasheet HTML 1Page - Tyco Electronics AT-267SMB Datasheet HTML 2Page - Tyco Electronics AT-267SMB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 1-Bit, 15 dB
DC-2.0 GHz
AT-267
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Truth Table 4,5
Mode
(Control)
V1
V2
Attenuation
Positive 4
0 ± 0.2V
+2.5V to +5V
+2.5V to +5V
0 ± 0.2V
15 dB
Reference State
Negative 5
0 ± 0.2V
-2.5V to -5V
-2.5V to -5V
0 ± 0.2V
Reference State
15 dB
4. External DC blocking capacitors are required as noted.
5. If negative control is used, DC blocking capacitors are not
required on RF ports and ground.
Electrical Specifications3: TA = 25°C, VC = +2.5 Volts, Z0 = 50 Ω
Positive Control Voltage Schematic
5
4
1
3
2
39 pF
39 pF
39 pF
SOT-25
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
(Reference State)
1.0 GHz
2.0 GHz
dB
0.3
0.4
0.4
0.5
Attenuation
1.0 GHz
2.0 GHz
dB
dB
14.6
14.4
15.1
14.9
15.6
15.4
VSWR
1.0 GHz
2.0 GHz
Ratio
Ratio
1.2:1
1.3:1
Input IP3
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
40
40
50
50
P1dB
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
24
20
26
23
Control Current
µA
10
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
29
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
50
Transients
In-band
mV
10
3. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com