Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-134PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # CH-134PIN
Description  Bi-Directional Couplers, 10 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CH-134PIN Datasheet(HTML) 2 Page - Tyco Electronics

  CH-134PIN Datasheet HTML 1Page - Tyco Electronics CH-134PIN Datasheet HTML 2Page - Tyco Electronics CH-134PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bi-Directional Couplers, 10 - 500 MHz
CH-/CHS-134
V 3.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. M/A-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Coupling
Input to Output
—
dB
10.1
10.8
11.5
Coupling Flatness
—
—
dB
—
—
± 0.5
VSWR
All Ports
10 - 500 MHz
25 - 200 MHz
Ratio
Ratio
—
—
—
—
1.8:1
1.5:1
Directivity
Both Directions
—
dB
20
—
—
Main Line Loss
2
—
—
dB
—
—
1.6
Input Power
—
—
Watt
—
—
1.0
1. All specifications apply with 50 ohm source and load impedance.
2. Includes theoretical power split.
This product contains elements protected by United States Patent umber 3,426,298.
Functional Diagram (CH-134)
0°
180°
1
5
8
4
Case P2, P3, P6 and P7 Ground
Functional Diagram (CHS-134)
0°
180°
1
3
4
2
Case Ground



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com