Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA41 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA41
Description  800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA41 Datasheet(HTML) 4 Page - STMicroelectronics

  BTA41 Datasheet HTML 1Page - STMicroelectronics BTA41 Datasheet HTML 2Page - STMicroelectronics BTA41 Datasheet HTML 3Page - STMicroelectronics BTA41 Datasheet HTML 4Page - STMicroelectronics BTA41 Datasheet HTML 5Page - STMicroelectronics BTA41 Datasheet HTML 6Page - STMicroelectronics BTA41 Datasheet HTML 7Page - STMicroelectronics BTA41 Datasheet HTML 8Page - STMicroelectronics BTA41 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
P(W)
IT(RMS)(A)
180°
α
α
Figure 2. RMS on-state current versus case temperature
(full cycle)
IT(RMS)(A)
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
α=180°
BTA40
BTA41
BTB41
TC(°C)
Figure 3. Relative variation of thermal impedance versus
pulse duration
E-03
1.
1.E-02
E-01
1.
E+00
1.
E+01
1.
E+02
1.
E+03
1.
E-03
1.
E-02
1.
E-01
1.
E+00
1.
K=[Zth/Rth]
tp(s)
Zth(j-a)
BTA / BTB41
Zth(j-c)
Figure 4. On-state characteristics (maximum values)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
400
ITM(A)
VTM(V)
Tj = 25°C.
T max.
V = 0.85V
j
to
R = 10 m
d
Ω
j
T = Tj max.
Figure 5. Surge peak on-state current versus number of
cycles
1
100
10
1000
0
50
100
150
200
250
300
350
400
450
ITSM (A)
Number of cycles
t=20ms
One cycle
Non repetitive
Tj initial=25°C
Repetitive
TC=70°C
Figure 6. Non-repetitive surge peak on-state current for a
sinusoidal pulse
0.01
0.10
1.00
10.00
100
1000
10000
ITSM(A), I²t (A²s)
tp(ms)
Pulse width tp < 10 ms
j
T initial=25 °C
ITSM
dI/dt limitation:
50A/µs
BTA40, BTA41, BTB41
Characteristics (curves)
DS2111 - Rev 13
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com