Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB41 Datasheet(PDF) 10 Page - STMicroelectronics

Part # BTB41
Description  800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB41 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BTB41 Datasheet HTML 4Page - STMicroelectronics BTB41 Datasheet HTML 5Page - STMicroelectronics BTB41 Datasheet HTML 6Page - STMicroelectronics BTB41 Datasheet HTML 7Page - STMicroelectronics BTB41 Datasheet HTML 8Page - STMicroelectronics BTB41 Datasheet HTML 9Page - STMicroelectronics BTB41 Datasheet HTML 10Page - STMicroelectronics BTB41 Datasheet HTML 11Page - STMicroelectronics BTB41 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3
Ordering information
Figure 12. Ordering information scheme (BTA40, BTA41 and BTB-41 series)
BT A 40 - 600
B
RG
Triac series
Insulation
A = Insulated
B = Non-insulated
Current
40 = 40 A in RD91
41 = 40 A in TOP3 or TOP3 insulated
Package
Voltage
600 = 600 V
Blank = Bulk
RG = Tube
800 = 800 V
Sensitive and type
B = 50 mA standard
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
BTA40-600B
BTA40600B
RD91
20 g
25
Bulk
BTA40-800B
BTA40800B
RD91
20 g
25
Bulk
BTA41-600BRG
BTA41600B
TOP3 Ins.
4.5 g
30
Tube
BTA41-800BRG
BTA41800B
TOP3 Ins.
4.5 g
30
Tube
BTB41-600BRG
BTB41600B
TOP3
4.5 g
30
Tube
BTB41-800BRG
BTB41800B
TOP3
4.5 g
30
Tube
BTA40, BTA41, BTB41
Ordering information
DS2111 - Rev 13
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com