Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW-R16-K2 Datasheet(PDF) 1 Page - Turck, Inc.

Part # TW-R16-K2
Description  HF Tag
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TW-R16-K2 Datasheet(HTML) 1 Page - Turck, Inc.

  TW-R16-K2 Datasheet HTML 1Page - Turck, Inc. TW-R16-K2 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
TW-R16-K2
HF Tag
Technical data
Type
TW-R16-K2
ID
7030410
Remark to product
extended storage temperature range,
suitable for Laundry applications
Data transfer
Inductive coupling
Technology
HF RFID
Operating frequency
13.56 MHz
Memory type
FRAM
Chip
Fujitsu MB89R118
Memory
2048  Byte
Memory
Read/Write
Freely usable memory
2000  Byte
Number of read operations
unlimited
Number of write operations
1010
Typical read time
0.5 ms/Byte
Typical write time
0.5 ms/Byte
Radio communication and protocol
standards
ISO 15693
NFC Typ 5
Minimum distance to metal
10  mm
Temperature during read/write access
-25…+85  °C
Temperature outside detection range
-40…+185  °C
160 °C, 1x35 h
220 °C, 1x30 s
Design
Hard tag, R16
Diameter
16 mm
Features
■FRAM memory 2 kB
■Not for direct mounting on metal
Functional principle
The HF read/write devices operating at a
frequency of 13.56 MHz form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and tag used.
The read/write distances mentioned here only
represent standard values measured under
laboratory conditions, free from any influences
caused by surrounding materials.
The read/write distances of tags suitable for
mounting in/on metal were determined in/on
metal.
Attainable distances may vary by up to 30
% due to component tolerances, mounting
conditions, ambient conditions and material
qualities (especially when mounted in metal).
Testing of the application under real operating
conditions is therefore essential, especially
with on-the-fly reading and writing!


Similar Part No. - TW-R16-K2

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TW-R16-B128 TURCK-TW-R16-B128 Datasheet
948Kb / 2P
HF Tag
11/08/2023
More results

Similar Description - TW-R16-K2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
Tag-it HF-I Transponder Inlay
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
RI-I11-110A-01 TI-RI-I11-110A-01 Datasheet
112Kb / 4P
Tag-it??HF TRANSPONDER INLAYS SQUARE RECTANGLE
RF-HDT-AJLE TI1-RF-HDT-AJLE Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
RF-HDT-WNME-M0 TI1-RF-HDT-WNME-M0 Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com