Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR65-0109 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DR65-0109
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DR65-0109 Datasheet(HTML) 2 Page - Tyco Electronics

  DR65-0109 Datasheet HTML 1Page - Tyco Electronics DR65-0109 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
! "
*
*
+ ,
(
(
$
!
2 ?
@
'
2;;
:?7
0
:?7
2;;
$
' )
$
' )
2
12
B ) ' 2
2;;
) ' 2
1 2
2
2;;
0* 2
2 ?
*
2
B 1 2
2 >$
2;;
1 2
4
$
)1A
B01'A
* 4
4 $$6
!
-
#
$
(
"
&
'
(#
' )
2 3
3 :3 2
:
3 :3
2
2
* '
C
2 6
6 D 2
:
6 D
2
2
C
' &
2 3
3 :3 2
3 E 0
2;; E
,
2
' 0
C
2 6
6 D 2
6 E 0
2;; E
,
2
C
C
2;; B ' 0
?
6
2 ? E 2
:?7
2;; E
F
0 '
'
0 '
G
4
2
E
,
2;; E
2 ? E 2
:?7
F
C
C
/''
$536!$563
5
7
:
/'A
B &1A
4
C
C
1'
$$36!$$63
$
$
:
/'A
B &1A
4
C
C
*1
7
4
!
@
:
/'A
B &1A
4
C
C
&
" .
" "
,
4
4
D
+
4
" "
'0 F+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com