Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3072D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KTC3072D
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTC3072D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KTC3072D Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTC3072D Datasheet HTML 2Page - Inchange Semiconductor Company Limited KTC3072D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
KTC3072D
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-Base Sustaining Voltage
IC= 10uA; IE= 0
40
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=1mA, IB=0
20
--
V
V(BR)EBO
Emitter-base Breakdown Voltage
IE=10uA, IC=0
7
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 60mA
--
0.4
V
ICBO
Collector Cutoff Current
VCB= 20V; IE= 0
--
100
nA
ICEO
Collector Cut-off Current
VCE= 20V; IB= 0
--
100
nA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
--
100
nA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 2V
120
700
hFE-2
DC Current Gain
IC= 2A ; VCE= 2V
100
--
hFE-1 Classifications
O
Y
GR
120-240 200-400 350-700



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com