Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1002 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SL1002
Description  Silicon NPN Power Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SL1002 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SL1002 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SL1002 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Darlington Transistor
SL1002
www.iscsemi.com
1
DESCRIPTION
·
High current output up to 3A
·
Low saturation voltage
APPLICATIONS
·
Audio power amplifier
·
DC-DC convertor
·
Voltage regulator
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
3
A
PC
Collector Power Dissipation
TC=25℃
1.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO
Collector-Emitter Breakdown Voltage
IC= 1mA; IB= 0A
30
--
--
V
VCBO
Collector-base breakdown voltage
IC= 100uA; IE= 0A
40
V
VEBO
Emitter-base breakdown voltage
IE= 100uA; IC= 0A
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
--
--
0.5
V
VBE(sat)
Base-emitter saturation voltage
IC= 2A; IB= 0.2A
--
--
2.0
V


Similar Part No. - SL1002

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
SL1002 IKSEMICON-SL1002 Datasheet
309Kb / 4P
Low Speed Switching
logo
Littelfuse
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
Greentube??SL1002A Series Gas Plasma Arrester
SL1002A075 LITTELFUSE-SL1002A075 Datasheet
206Kb / 5P
Gas Discharge Tube (GDT) Products
SL1002A075SM LITTELFUSE-SL1002A075SM Datasheet
206Kb / 5P
Gas Discharge Tube (GDT) Products SL1002A Series
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
Gas Discharge Tubes - High Performance Beta Range
More results

Similar Description - SL1002

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com