Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101MVM50 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MAC7101MVM50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101MVM50 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MAC7101MVM50 Datasheet HTML 47Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 48Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 49Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 50Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 51Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 52Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 53Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 54Page - Freescale Semiconductor, Inc MAC7101MVM50 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
MechanicalInformation
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
51
Revision History
Revision History
Version No.
Release Date
Description of Changes
Page
Numbers
v0.1
29-Oct-03
First public customer release (preliminary).
v1.0
14-Sep-04
General
• Converted to Freescale identity, with blue cross-reference highlights for enhanced PDF
navigation, and miscellaneous updates for presentation consistency.
• The order of Section 3.5 and Section 3.6 were reversed for better content flow. This has
caused specification numbering to change as detailed below.
Note: Content consolidation and reorganization has resulted in the following table and
specification number changes (the first spec number of each table is shown):
7, 8
Section 2, “Ordering Information”
• Added Table 1, mask set information
• Updated Table 2 with expanded port pin counts, MAC71x2 and MAC71x6 family members
• Pin assignment changes for mask set L47W devices:
—In Table 37, PB10 / PCS5_B / PCSS_B changed to pin 57, footnote for L49P
2
3
36
Table Title
Rev. 1.0
Rev. 0.1
5.0 V I/O Characteristics
Table 8
D1a Table 15 F1
3.3 V I/O Characteristics
Table 9
E1a Table 16 G1
Section 3.6, “Power Dissipation and Thermal Characteristics”
Table 10 to
Table 14
Table 7 to
Table 11
MAC71x1/6 Device Supply Current Characteristics – 40 MHz
Table 15 F1
Table 12 D1a
MAC71x1/6 Device Supply Current Characteristics – 50 MHz
Table 16 G1
N/A
VREG Operating Conditions
Table 17 H1
Table 13 E1
VREG Recommended Load Capacitances
Table 18
Table 14
Oscillator Characteristics
Table 19 J1a
Table 17 H1a
PLL Characteristics
Table 20 K1
Table 18 J1
Crystal Monitor Time-Outs
Table 21
Table 19
CRG Maximum Clock Quality Check Timings
Table 22
Table 20
CRG Startup Characteristics
Table 23 L1
Table 21 K1
External Bus Input Timing Specifications
Table 24 M1
Table 22 L1
External Bus Output Timing Specifications
Table 25 M6a Table 23 L6a
ATD Operating Characteristics in 5.0 V Range
Table 26 N1
Table 24 M1
ATD Operating Characteristics in 3.3 V Range
Table 27 P1
Table 25 N1
ATD Electrical Characteristics
Table 28 Q1
Table 26 P1
ATD Conversion Performance in 5.0 V Range
Table 29 R1
Table 27 Q1
ATD Conversion Performance in 3.3 V Range
Table 30 S1
Table 28 R1
ATD Electrical Characteristics (Operating)
N/A
Table 29 S1
ATD Performance Specifications
N/A
Table 30 T1
ATD Timing Specifications
N/A
Table 31 U1
ATD External Trigger Timing Specifications
Table 31 T1
Table 32 V1
SPI Master Mode Timing Characteristics
Table 32 U1a Table 33 W1a
SPI Slave Mode Timing Characteristics
Table 33 V1a Table 34 X1a
FlexCAN Wake-up Pulse Characteristics
Table 34 W1
Table 35 Y1
CFM Timing Characteristics
Table 35 X1
Table 36 Z1
NVM Reliability Characteristics
Table 36 X9b Table 37 Z10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com