Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710375 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710375
Description  Smarteq™ SmartDisc™ WiFi Dual Band Antenna, Bluetooth®
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710375 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710375 Datasheet HTML 1Page - PCTEL, Inc. 710375 Datasheet HTML 2Page - PCTEL, Inc. 710375 Datasheet HTML 3Page - PCTEL, Inc. 710375 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Smarteq™ SmartDisc™
WiFi Dual Band Antenna, Bluetooth®
WiFi 2.4 GHz and 5 GHz
3
SPECIFICATIONS
> pctel.com/antenna-products
Standard Configurations
Part Number
Housing Color
Installation
Cable Type
Cable Length
Connector
710374
Black
Tape
RG316 grey
2,5 m
SMA-m
710375
Black
Screw
RG316 grey
2,5 m
SMA-m
710430
White
Screw
RG316 grey
0,5 m
Fakra-m/I
710431
Black
Screw
RG316 grey
0,5 m
SMA-m
710514
White
Screw
RG316 white
1,5 m
RP SMA-m
710621
White
Screw
RG316 grey
0,3 m
SMA-m
Electrical Specifications – RF Antennas (All Models)
Frequency Ranges
Impedance
Polarization
VSWR
Peak Gain
Free Space
Peak Gain
Ø1m GND
Max. Power
2400-2690 MHz
50Ω
Vertical
< 1.8:1
1 dBi
6 dBi
10W
4900-5900MHz
3 dBi
7 dBi
Mechanical and Environmental Specifications (All Models)
Physical
Dimensions (D x H)
96 x 26mm
Weight
~190g
Installation*
Hole mount with center screw
• Standard screw: Material thickness ≤ 3.5mm
• Long screw: Material thickness ≤ 23.5mm
Hole dimension Ø19mm
Min. installation radius 1000mm
Adhesive mount
*Installation type is defined by part number according to the table above.
Cable
See table above.
Connector
See table above.
Material
PC/PBT/Aluminum alloy
Housing Color
See table above.
Accessories
707154 – White angled bracket
201411 – Vertical bracket
Operating / Storage Temperature
-40°C to +85°C
Certifications
RoHS compliant
IP Class
IP67
DATASHEET ID 550 158 E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com