Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4GDPSM Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 4GDPSM
Description  GNSS Dual LTE Combination Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

4GDPSM Datasheet(HTML) 1 Page - PCTEL, Inc.

  4GDPSM Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
* Gain will vary depending on frequency and method of installation. Measured on a 9-inch ground plane, not including cable attenuation.
** For other connector options, please refer to GPS Multi-Band Mobile Antenna Configurator Part Number Guide.
PCTEL’s 4GDPSM multi-band GPS antenna provides omnidirectional coverage of
4G LTE frequencies plus GPS/GLONASS tracking support. Built-in GNSS tracking
helps improve operational dispatch and schedule maintenance efficiencies, and the
antenna’s very low-profile design minimizes its exposure to theft or vandalism.
Features
• Attractive, dome shaped low-profile housing for minimum visibility
and overhead clearance
• Multi-band frequency coverage and GNSS support minimize the number of
antennas required on the vehicle for easier, more cost effective installations
• UV stability for long lasting outdoor operation
• Built-in Silicon rubber gasket for ingress protection
GNSS + Dual LTE Combination Antenna
4GDPSM Series
4GDPSM - Permanent Mount
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Weight
Housing Material
Temperature Range
Ingress Protection
81.5 OD x 40 H mm
4.9 oz (without GNSS)
11.5 oz (with GNSS)
UV-stable plastic
-40°C to +85°C
IP67 (when installed on
sealed surface)
ELECTRICAL SPECIFICATIONS - 4G LTE ANTENNAS
Model
Frequency Range
Gain*
Without Ground
Plane
Gain*
With 2 ft.
Ground Plane
Isolation (dB)
Polarization
VSWR
Impedance
GNSS4GDPSM
GNSS4GDPSM-W
698-960 MHz /
1710-2700 MHz
-8.85 dBi
-10.97 dBi
-7.16 dBi
-11.8 dBi
20
20
Vertical
< 2.0
50 ohms
4GDPSM
4GDPSM-W
698-960 MHz /
1710-2700 MHz
-6.32 dBi
-12.05 dBi
- 8.64 dBi
- 10.9 dBi
20
20
ELECTRICAL SPECIFICATIONS - GNSS ANTENNAS
Frequency Range
LNA Gain
Polarization VSWR
Current Draw
Axial Ratio
Noise Figure Input Impedance
1575-1610 MHz @3VDC, 25 ± 3 dB typ
@5VDC, 28 ± 3 dB typ
RHCP
< 2.0
13 ± 2mA @ 5VDC
3 dB @ f0
(f0 = 1592.5 MHz) 1.5 dB typical
50 ohms
STANDARD CONFIGURATION
Model
Elements
Cable
Connector
Mount
Housing
Color
GNSS4GDPSM
GNSS4GDPSM-W
One GNSS & Two LTE
One GNSS & Two LTE
One - 5 meter RG-174/U &
Two - 5 meter RG-174/U
SMA Plug (Male)
SMA Plug (Male)
Metal 1.57-cm OD, 1.27-cm
long stud mount with jam nut
Black
White
4GDPSM
4GDPSM-W
Two 4G LTE
Two 4G LTE
Two - 5 meter RG-174/U
Two - 5 meter RG-174/U
SMA Plug (Male)
SMA Plug (Male)
Metal 1.57-cm OD, 1.27-cm
long stud mount with jam nut
Black
White
GNSS4GDPSM
RoHS
COMPLIANT


Similar Part No. - 4GDPSM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
4GD27 COOPER-4GD27 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 4GDPSM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
MA250ALBI001 TAOGLAS-MA250ALBI001 Datasheet
5Mb / 62P
Sentinel Adhesive Mount 3in1 LTE MIMO GNSS Antenna
MA9909.A.002 TAOGLAS-MA9909.A.002 Datasheet
9Mb / 80P
GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
MA9909.W.A.002 TAOGLAS-MA9909.W.A.002 Datasheet
9Mb / 81P
GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001_17 Datasheet
3Mb / 38P
Sentinel Adhesive Mount 2in1 GNSS & LTE Antenna
logo
Pulse A Technitrol Comp...
W3906B0100 PULSE-W3906B0100 Datasheet
1Mb / 20P
LTE Primary GNSS FPC Antenna
logo
Maxtena Inc.
MEA-GNSS-LTE-MM MAXTENA-MEA-GNSS-LTE-MM Datasheet
744Kb / 4P
2 IN 1 LTE/GNSS ANTENNA
REV A
MEA-GNSS-LTE MAXTENA-MEA-GNSS-LTE Datasheet
755Kb / 4P
2 IN 1 LTE/GNSS ANTENNA
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
logo
Raltron Electronics Cor...
RDM-MBJ4-A-8116-1M-X-001 RALTRON-RDM-MBJ4-A-8116-1M-X-001 Datasheet
842Kb / 6P
GPSLTEWIFI COMBINATION ANTENNA
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com