Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD25HC Datasheet(PDF) 1 Page - Tyco Electronics

Part # FD25HC
Description  Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FD25HC Datasheet(HTML) 1 Page - Tyco Electronics

  FD25HC Datasheet HTML 1Page - Tyco Electronics FD25HC Datasheet HTML 2Page - Tyco Electronics FD25HC Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency Doubler
FD25H/FD25HC/SFD25H
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• IINPUT: 5 TO 2400 MHz
• OUTPUT: 10 TO 4800 MHz
• INPUT DRIVE LEVEL +23 dBm (NOMINAL)
• HERMETICALLY-SEALED PACKAGE
Description
The FD25H is a passive bridge diode frequency doubler, de-
signed for use in the high volume commercial and test equipment
applications. The design utilizes Schottky bridge quad diodes and
broadband baluns to attain excellent performance.
The use of
high temperature solder and welded assembly processes used
internally makes it ideal for use in semi-automated and automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FD25H
TO-8
FD25HC
SMA Connectorized
SFD25H
Surface Mount
Electrical Specifications: Z0 = 50Ω
Ω Pin = +23 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC*
SSB Conversion Loss
(max)
fin = 5 to 2400 MHz
dB
12.0
13.5
13.8
Fundamental
Suppression (min)
fin = 5 to 1000 MHz
fin = 1000 to 2000 MHz
fin = 2000 to 2400 MHz
dBc
dBc
dBc
35
25
20
25
20
16
24
19
15
Third Harmonic
Suppression
fin = 5 to 500 MHz
fin = 500 to 2400 MHz
dBc
dBc
40
35
30
25
29
24
Input VSWR
fin = 5 to 2400 MHz
1.5:1
Product Image
* The FD25HC specification limits apply at 0ºC to +50ºC.


Similar Part No. - FD25HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD25HC MACOM-FD25HC Datasheet
75Kb / 2P
FREQUENCY DOUBLER
logo
M/A-COM Technology Solu...
FD25HC MA-COM-FD25HC Datasheet
1Mb / 3P
Frequency Doubler
More results

Similar Description - FD25HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93H MACOM-FD93H Datasheet
321Kb / 3P
FREQUENCY DOUBLER
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
Frequency Doubler
logo
SYNERGY MICROWAVE CORPO...
SMX-C6 SYNERGY-SMX-C6 Datasheet
332Kb / 3P
FREQUENCY DOUBLER
SMX-C9 SYNERGY-SMX-C9 Datasheet
215Kb / 3P
FREQUENCY DOUBLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com