Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL12015SW/ES Datasheet(PDF) 2 Page - International Rectifier

Part # AFL12015SW/ES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12015SW/ES Datasheet(HTML) 2 Page - International Rectifier

  AFL12015SW/ES Datasheet HTML 1Page - International Rectifier AFL12015SW/ES Datasheet HTML 2Page - International Rectifier AFL12015SW/ES Datasheet HTML 3Page - International Rectifier AFL12015SW/ES Datasheet HTML 4Page - International Rectifier AFL12015SW/ES Datasheet HTML 5Page - International Rectifier AFL12015SW/ES Datasheet HTML 6Page - International Rectifier AFL12015SW/ES Datasheet HTML 7Page - International Rectifier AFL12015SW/ES Datasheet HTML 8Page - International Rectifier AFL12015SW/ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
AFL28XXS Series
Specifications
Static Characteristics -55°C < T
CASE < +125°C, 16V< VIN < 40V unless otherwise specified.
For Notes to Specifications, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
16
28
40
V
OUTPUT VOLTAGE
AFL2805S
AFL2807S
AFL2808S
AFL2809S
AFL2812S
AFL2815S
AFL2828S
AFL2805S
AFL2807S
AFL2808S
AFL2809S
AFL2812S
AFL2815S
AFL2828S
1
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 28 Volts, 100% Load
4.95
6.93
7.92
8.91
11.88
14.85
27.72
4.90
6.86
7.84
8.82
11.76
14.70
27.44
5.00
7.00
8.00
9.00
12.00
15.00
28.00
5.05
7.07
8.08
9.09
12.12
15.15
28.28
5.10
7.17
8.16
9.18
12.24
15.30
28.56
V
OUTPUT CURRENT
AFL2805S
AFL2807S
AFL2808S
AFL2809S
AFL2812S
AFL2815S
AFL2828S
VIN = 16, 28, 40 Volts - Note 6
16
11.4
10
10
9.0
8.0
4.0
A
OUTPUT POWER
AFL2805S
AFL2807S
AFL2808S
AFL2809S
AFL2812S
AFL2815S
AFL2828S
Note 6
80
80
80
90
108
120
112
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 28 Volts, 100% Load - Note 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AFL2828S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 16, 28, 40 Volts
-70
-20
-1.0
+70
+20
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AFL2805S
AFL2807S
AFL2808S
AFL2809S
AFL2812S
AFL2815S
AFL2828S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40 Volts, 100% Load,
BW = 10MHz
30
40
40
40
45
50
100
mVpp
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com