Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4G6CP Datasheet(PDF) 1 Page - Belden Inc.

Part # 4G6CP
Description  MachFlex™ 350CP, 3C1G 6 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PUR Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4G6CP Datasheet(HTML) 1 Page - Belden Inc.

  4G6CP Datasheet HTML 1Page - Belden Inc. 4G6CP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 4G6CP
MachFlex™ 350CP, 3C+1G 6 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,
PUR Outer Jkt
Product Description
MachFlex™ 350CP Control Cable, 3 Conductor + 1 Ground 6 mm² Stranded Bare Copper, PVC Insulation, PVC Inner Jacket, Tinned Copper Braid Shield,
PUR Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, multi axis control machines, temperature
controllers, control panels, machine cutting tools, auxiliary equipment, motor speed control, production machinery and many more. PUR jacket provides with excellent abrasion protection
and chemical resistance. Tinned copper braid shielding version will ensure the cable with good noise immunity.
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 3
6 mm² Stranded
Class 5
BC - Bare Copper
Ground
1
6 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PVC - Polyvinyl Chloride Black #1, Black #2, Black #3
Ground
PVC - Polyvinyl Chloride Yellow/Green
Outer Shield
Shield Type
Material
Braid
Tinned Copper (TC)
Inner Jacket
Material
PVC - Polyvinyl Chloride
Outer Jacket
Material
PUR - Polyurethane
Overall Cable
Diameter (Nominal):
16.2 mm (0.638 in)
Electrical Characteristics
Voltage
Voltage Rating
300/500 V (Max. Operating Voltage), 4000 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-20°C to +70°C (Occasional movement) 40°C to +80°C (Fixed installation)


Similar Part No. - 4G6CP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4G6 BELDEN-4G6 Datasheet
157Kb / 2P
MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4G6-010100M BELDEN-4G6-010100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4G6-010200M BELDEN-4G6-010200M Datasheet
157Kb / 2P
MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4G6-010300M BELDEN-4G6-010300M Datasheet
157Kb / 2P
MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4G6-G8U100M BELDEN-4G6-G8U100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results

Similar Description - 4G6CP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
MRTA1P23S BELDEN-MRTA1P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA12P24S BELDEN-MRTA12P24S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 12 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA20P26S BELDEN-MRTA20P26S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA3P23S BELDEN-MRTA3P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 3 Pr 23 AWG Str TC, ETFE Ins, TCBS, PVC Outer Jkt
02-02-2023
MRTA3P24S BELDEN-MRTA3P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 3 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA4P24S BELDEN-MRTA4P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 4 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA5P23S BELDEN-MRTA5P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 5 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA6P23S BELDEN-MRTA6P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 6 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA6P24S BELDEN-MRTA6P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 6 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA6P26S BELDEN-MRTA6P26S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 6 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com