Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-RSABD-DP Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCT-RSABD-DP
Description  Bi-Directional Train Top Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCT-RSABD-DP Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCT-RSABD-DP Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
PCT-RSABD-DP
* Gain is ground plane dependent; more gain can be achieved with larger ground plane.
U.S. Patent Pending
The PCT-RSABD-DP bi-directional antenna is designed to survive high vibration rail
installations, including roof mounting on locomotive and passenger cars.
Features
•
Dual feed, dual slant ± 45°, linear polarization
•
Designed for metallic or non-metallic roof mounting, no ground plane required
•
Extremely rugged purpose built for rail and metro applications
•
Symmetrical patterns, maintains same pattern performance
over each polarization
•
High port-to-port performance correlation
•
Designed to meet EN50155 & AAR certification requirements
Bi-Directional Train Top Antenna
PCT-RSABD-DP
Bi-Directional Antenna - Rail, Train Top
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Gain*
Typical VSWR Bandwidth
Beamwidth
(Free Space, Non-Metallic
Ground Plane)
Beamwidth
(Ground Plane Mounted
Peformance)
Port-to-Port
Isolation
Nominal
Impedance Polarization
10-13 dBi* <2:1 (max 2.5:1) 4.9-5.9 GHz
H-Plane 42°
E-Plane 28°
H-Plane 39°
E-Plane 21°
> 22 dB
50 ohms
Dual Slant 45°,
Linear
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
PCT-RSABD-DP
Sold Separately
QMA Female
Through-hole stud mounting for 1-inch holes
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS (ALL MODELS)
Dimensions
Weight
Temperature Range
Housing Antenna Material
Ingress
Protection
8.3 x 5.5 x 3.3 inches (210 x 140 x 85 mm)
2.7 lbs
-40°C to +85°C
Aluminum, hard coat anodized
IP56
RoHS
COMPLIANT


Similar Part No. - PCT-RSABD-DP

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCT-RSA-160 PCTEL-PCT-RSA-160 Datasheet
429Kb / 4P
Low Profile Wideband Rail Antenna
September 2023
PCT-RSA-220 PCTEL-PCT-RSA-220 Datasheet
429Kb / 4P
Low Profile Wideband Rail Antenna
September 2023
More results

Similar Description - PCT-RSABD-DP

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
SYNERGY MICROWAVE CORPO...
KDS-30-30 SYNERGY-KDS-30-30 Datasheet
351Kb / 3P
BI-DIRECTIONAL COUPLER
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
BI-DIRECTIONAL COUPLER
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
Bi-directional coupler
SCS100800-20 SYNERGY-SCS100800-20 Datasheet
465Kb / 4P
BI-DIRECTIONAL COUPLER
logo
Laird Tech Smart Techno...
DC24 LSTD-DC24 Datasheet
908Kb / 1P
Directional Antenna
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Raltron Electronics Cor...
RPC-MB-850-6500-P-142 RALTRON-RPC-MB-850-6500-P-142 Datasheet
94Kb / 1P
DIRECTIONAL ANTENNA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com