Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST45LF010 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST45LF010
Description  1 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST45LF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
1 Mbit Serial Flash
SST45LF010
7
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
TABLE
6: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
COUT1
Output Pin Capacitance
VOUT = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T6.1 372
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE
7: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T7.1 372
TABLE
8: AC OPERATING CHARACTERISTICS, VDD = 3.0-3.6V
Symbol
Parameter
Limits
Min
Max
Units
FCLK
Serial Clock Frequency
10
MHz
TSCKH
Serial Clock High Time
45
ns
TSCKL
Serial Clock Low Time
45
ns
TCES
CE# Setup Time
250
ns
TCEH
CE# Hold Time
250
ns
TCPH
CE# High Time
250
ns
TCHZ
CE# High to High-Z Output
25
ns
TCLZ
SCK Low to Low-Z Output
0
ns
TRLZ
RST# Low to High-Z Output
25
ns
TDS
Data In Setup Time
20
ns
TDH
Data In Hold Time
20
ns
TOH
Output Hold from SCK Change
0
ns
TV
Output Valid from SCK
35
ns
TWPS
Write Protect Setup Time
10
ns
TWPH
Write Protect Hold Time
10
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
TBP
Byte-Program
20
µs
TRST
Reset Pulse Width
10
µs
TREC
Reset Recovery Time
1
µs
TPURST
Reset Time After Power-Up
10
µs
T8.2 372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com