Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2A Datasheet(PDF) 1 Page - Tyco Electronics

Part # M2A
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M2A Datasheet(HTML) 1 Page - Tyco Electronics

  M2A Datasheet HTML 1Page - Tyco Electronics M2A Datasheet HTML 2Page - Tyco Electronics M2A Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
'()
*
'()
+ ,-
'()
%& , . /
0
1!
! 2
( 3" +
!
0 14#2
" ' 5
$6 6
!
7
3!
$
!
47
7 !
8$ #
!
##
!
"
3! $ )
9 "
:4 !3 8$
! 6
6 !
6 $!
!
! #
!
"
!
6 $
#"
!
6;#"
$
!
"
+ #
,-
$;
#
"
<!. !
!
! !3
.
6
'+%;
9 ,;
7'+%;9 ,;
7
'+%;, %;
7 ! $
4
' 5
&;
' 5-
9'5 - !!
)
! " #!
$ " %& '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2. 6
990 - !.
! %
1
2
0
990 =
3$
1
2
> " !
6
!.
!
0
????
????
????
+
!7%
* 1 !2
%@
A()
%@
A()
%@
A()
0
+
!7%
+1 !2
%@
A()
%@
A()
%@
A()
0
0 - !.
! -
#
%@ /
0
0
+!#$ +B
0
/
C " ' 5- #
!
## 4
D-
/ D-


Similar Part No. - M2A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M2A MA-COM-M2A Datasheet
972Kb / 3P
Double-Balanced Mixer
logo
DFI Inc
M2A-DP DFI-M2A-DP Datasheet
625Kb / 1P
Module Boards
M2A-EDP DFI-M2A-EDP Datasheet
892Kb / 2P
Module Boards
M2A-HDMI20 DFI-M2A-HDMI20 Datasheet
349Kb / 1P
Module Boards
M2A-LVDS DFI-M2A-LVDS Datasheet
892Kb / 2P
Module Boards
More results

Similar Description - M2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com