Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2GC Datasheet(PDF) 1 Page - Tyco Electronics

Part # M2GC
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M2GC Datasheet(HTML) 1 Page - Tyco Electronics

  M2GC Datasheet HTML 1Page - Tyco Electronics M2GC Datasheet HTML 2Page - Tyco Electronics M2GC Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
' ()
*
&
'()
+ ,- &
'()
%& ,*+ . /
0
1!
! 2
(+
3( +
4&%5 +
&6
0 1 78 2
" ' 3
$9 9
!
:
;!
$
!
<:
: !
=$ #
!
##
!
"
;! $ )
4 "
>< !; =$
! 9
9 !
9 $!
!
! #
!
"
!
9 $
#"
!
9?#"
$
!
"
+ #
,-
$?
#
"
.!@ !
!
! !;
@
9
'+%?
4 ,?
:'+%?4 ,?
:
'+%?, %?
: ! $
<
' 3
&?
' 3-
4'5 - !!
)
! " #!
$ " %& '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2. 6
440 - !@
! %
1
2A 440 6
;$
1
2
0
+
!:%
* 1 !2
%B
'()
%B
'()
%B
'()
0
0
0
+
!:%
+1 !2
%B
'()
0
0 - !@
! -
#
+!#$ +8
C " ' 3- #
!
## <
D-
/ D-


Similar Part No. - M2GC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M2GC MA-COM-M2GC Datasheet
993Kb / 3P
Double-Balanced Mixer
M2GC MA-COM-M2GC Datasheet
995Kb / 3P
Double-Balanced Mixer
M2GC MA-COM-M2GC_15 Datasheet
995Kb / 3P
Double-Balanced Mixer
More results

Similar Description - M2GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com