Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGP907 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4AGP907
Description  AlGaAs Flip-Chip PIN Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGP907 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4AGP907 Datasheet HTML 1Page - Tyco Electronics MA4AGP907 Datasheet HTML 2Page - Tyco Electronics MA4AGP907 Datasheet HTML 3Page - Tyco Electronics MA4AGP907 Datasheet HTML 4Page - Tyco Electronics MA4AGP907 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AlGaAs Flip-Chip PIN Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
V1
MA4AGP907
Electrical Specifications and RF Data @ TA = 25 °C
Parameters and Test Conditions
Symbol
Units
1 MHz & DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Total Capacitance at -10 V
Ct
pF
-
0.027
0.035
-
-
-
Forward Resistance at +10 mA
Rs
Ω
-
-
-
-
3.1
-
Forward Voltage at +10 mA
Vf
Volts
-
1.35
1.45
-
-
-
Reverse Leak Current @ -45 V
Ir
uA
-
-
l -10 l
-
-
-
Switching Speed ( 10 to 90% RF Voltage )
3
& (90 to 10% RF Voltage)
3
Trise
Tfall
nS
-
2
-
-
-
-
1 GHz Reference Data
1,2
1. Forward Series Resistance is determined by measuring Single Series Diode with a HP4291 Impedance Analyzer at 1 GHz.
2. Reverse current will not exceed 10 microamperes at the Maximum Voltage Rating.
3. Switching speed is measured between 10% and 90% or 90% to 10 % RFVoltage for a Single Series Mounted Diode. Driver Delay is
Not included.
NOTES:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com