Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA210 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
6 Detailed Description
6.1 Overview
The INA21x are 26-V, common-mode, zero-drift topology, current-sensing amplifiers that can be used in
both low-side and high-side configurations. These specially-designed, current-sensing amplifiers are able to
accurately measure voltages developed across current-sensing resistors on common-mode voltages that far
exceed the supply voltage powering the device. Current can be measured on input voltage rails as high as 26 V
while the device can be powered from supply voltages as low as 2.7 V.
The zero-drift topology enables high-precision measurements with maximum input offset voltages as low as
35 µV with a maximum temperature contribution of 0.5 µV/°C over the full temperature range of –40°C to
+125°C.
6.2 Functional Block Diagram
-
+
IN-
IN+
REF
GND
V+
OUT
Copyright © 2017, Texas Instruments Incorporated
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com