Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14X2.5 Datasheet(PDF) 1 Page - Belden Inc.

Part # C14X2.5
Description  MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C14X2.5 Datasheet(HTML) 1 Page - Belden Inc.

  C14X2.5 Datasheet HTML 1Page - Belden Inc. C14X2.5 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C14X2.5
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
Product Description
MachFlex™ 375YY, 14 Conductor 1.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, multi axis control machines, temperature
controllers, control panels, machine cutting tools, auxiliary equipment, motor speed control, production machinery and many more
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 14
2.5 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PVC - Polyvinyl Chloride White, Black, Blue, Brown, Grey, Red, Violet, Pink, Orange, Green, Beige, Black/White, Blue/White, Brown/White
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable Diameter
(Nominal):
19.1 mm (0.752 in)
Electrical Characteristics
Voltage
Voltage Rating
450/750 V (Max. Operating Voltage), 4000 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-5°C to +70°C(Occasional movement) -40°C to +80°C(Fixed installation)
Bend Radius
Installation Min.
Flexing Min.
76.4 mm (3.01 in) 286.5 mm (11.28 in)
Bulk Cable Weight:
594 kg/km (399 lbs/1000ft)
Standards and Compliance
Environmental Suitability:
Sunlight Resistance, UV Resistance, Oil Resistance - EN 50290-2-22 (TM54)
Flammability / Reaction
to Fire:
IEC 60332-1-2, DIN VDE 048233212, DIN EN 6033212
ISO/IEC Compliance:
IEC 60228


Similar Part No. - C14X2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C14X2.5CY BELDEN-C14X2.5CY Datasheet
142Kb / 2P
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
11-15-2023
C14X2.5CY-010100M BELDEN-C14X2.5CY-010100M Datasheet
142Kb / 2P
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
11-15-2023
C14X2.5CY-010200M BELDEN-C14X2.5CY-010200M Datasheet
142Kb / 2P
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
11-15-2023
C14X2.5CY-010300M BELDEN-C14X2.5CY-010300M Datasheet
142Kb / 2P
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
11-15-2023
C14X2.5CY-368100M BELDEN-C14X2.5CY-368100M Datasheet
142Kb / 2P
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
11-15-2023
More results

Similar Description - C14X2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8473 BELDEN-8473 Datasheet
175Kb / 2P
Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8629 BELDEN-8629 Datasheet
166Kb / 2P
Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8675 BELDEN-8675 Datasheet
153Kb / 2P
Electronic, 2 C #14 Str BC, PVC Ins
05-05-2023
9623 BELDEN-9623 Datasheet
188Kb / 2P
Electronic, 5 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8628 BELDEN-8628 Datasheet
167Kb / 2P
Electronic, 7 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
19505 BELDEN-19505 Datasheet
145Kb / 2P
Portable Cordage, 3 C #14 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
12-22-2023
19502 BELDEN-19502 Datasheet
149Kb / 2P
Portable Cordage, 2 C #14 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com