Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSGSMMMMSMA Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # GPSGSMMMMSMA
Description  GPS/GSM Multi-Band Magnetic Low-Profile Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GPSGSMMMMSMA Datasheet(HTML) 1 Page - PCTEL, Inc.

  GPSGSMMMMSMA Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Operating Frequencies
Maximum Gain
Polarization
VSWR
824-896 MHz
1710-1990 MHZ
2 dBi*
Linear (GSM frequencies)
< 2.5:1 (GSM)
ELECTRICAL SPECIFICATIONS - GPS ANTENNA
Frequency Band
Current Draw
LNA Gain
Polarization
VSWR
Maximum
Power (GSM)
Input
Impedance
L1: 1575.42 ± 3 MHz
< 15 mA @ 3-5V
25 ± 3 dB
Right hand circular (GPS)
< 1.5:1 (GPS)
8 Watts
50 Ohms
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
GPSGSMMMMSMA
16.4 feet RG-174/U (GPS)
16.4 feet RG-174/U (GSM)
Male SMA (GPS)
Male SMA (GSM)
Magnetic mounting
Adhesive VHB tape layer included.
The GPSGSMMMMSMA multi-band GPS magnetic mount antenna provides
omnidirectional coverage of GSM frequencies from 824-896 MHz and 1710-1990 MHz
plus GPS L1 vehicle tracking support. This low-profile antenna features a magnetic
mount base that makes installation and removal quick and simple. The assembly
includes an adhesive VHB tape layer for more permanent installations. Its low-profile
housing reduces antenna exposure to theft or vandalism. It is ideal for vehicular
applications requiring voice coverage and asset tracking support to improve operational
dispatch efficiencies. Applications include commercial delivery, maintenance, public
safety or mass transit vehicles.
Features
• Extremely compact low-profile housing for minimum visibility and maximum
overhead clearance
• Multi-band frequency coverage and GPS tracking support minimize the number of
antennas required on the vehicle for more cost effective installations
• UV stability for long lasting outdoor applications
• Adhesive VHB tape layer for more permanent installations, if required; tape
provides added protection to the vehicle’s surface
GPS/GSM Multi-Band Magnetic Low-Profile Antenna
GPSGSMMMMSMA
GPSGSM - Magnetic Mount
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Weight
Temperature Range
Magnet Pull Force
Housing Material
2.8 x 2.4 x 0.5 in
(7.2 x 6.2 x 1.4 cm)
0.4 lbs
(.181 kg)
-40°C to +85°C
2.8 lbf, minimum
Black UV-resistant plastic
GPSGSMMMMSMA
* Gain will vary depending on frequency and method of installation. Measured on a 9-inch ground plane, not including cable attenuation.
** For other connector options, please refer to GPS Multi-Band Mobile Antenna Configurator Part Number Guide.
*** The top of the antenna housing must be directed toward the sky, as indicated by the “AIRWARD” on the antenna radome.
RoHS
COMPLIANT


Similar Part No. - GPSGSMMMMSMA

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
GPSGSMSMMSMA PCTEL-GPSGSMSMMSMA Datasheet
616Kb / 1P
GPS/GSM Multi-Band Through Hole Low-Profile Antenna
More results

Similar Description - GPSGSMMMMSMA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
American Accurate Compo...
JXTXGPS-CZG-2701 AAC-JXTXGPS-CZG-2701 Datasheet
108Kb / 1P
GPS/GSM Vehicle Antenna
logo
World Produts Inc.
WPANT30013-SB WPI-WPANT30013-SB Datasheet
116Kb / 2P
GPS & GSM Dual-band Glass Mount Antenna
logo
Taoglas antenna solutio...
MA301AAB001 TAOGLAS-MA301AAB001 Datasheet
703Kb / 11P
MA.301 GPS/Penta-band Cellular Magnetic Antenna
logo
World Produts Inc.
WPANT30013-SB WPI-WPANT30013-SB_15 Datasheet
111Kb / 2P
GPS and GSM Dual-band Glass Mount Antenna
logo
Raltron Electronics Cor...
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
GPSGSM COMBINATION ANTENNA
Rev A
RDM-MBF5-A-5048-1M-X-001 RALTRON-RDM-MBF5-A-5048-1M-X-001 Datasheet
331Kb / 4P
GPSGSM COMBINATION ANTENNA
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com