Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSGSMSMMSMA Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # GPSGSMSMMSMA
Description  GPS/GSM Multi-Band Through Hole Low-Profile Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GPSGSMSMMSMA Datasheet(HTML) 1 Page - PCTEL, Inc.

  GPSGSMSMMSMA Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
ELECTRICAL SPECIFICATIONS - GPS ANTENNA
Frequency Range
LNA Gain
Polarization
VSWR
L1: 1575.42 ± 3 MHz
25 ± 3 dB
Right hand circular (GPS)
< 1.5:1
ELECTRICAL SPECIFICATIONS - GPS ANTENNA, continued
Current Draw
Noise Figure
Input Impedance
< 15 mA @ 3-5 V
< 2.0 dB (typical)
50 ohms
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Impedance
Frequency Range
Gain
Maximum Power
Polarization
VSWR
50 ohms
824-896 / 1710-1990 MHz
2 dBi*
8 watts
Linear, vertical
< 2.5:1
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
GPSGSMSMMSMA
16.4 feet RG-174/U (GPS)
16.4 feet RG-174/U (GSM)
Male SMA (GPS)
Male SMA (GSM)
1/2-inch through hole mount
Mount assembly includes flat adapter shim for installations on
existing larger hole diameters.
Adhesive VHB tape layer included.
PCTEL’s GPSGSMSMMSMA multi-band GPS antenna provides omnidirectional coverage
of GSM frequencies from 824-896 MHz and 1710-1990 MHz plus GPS L1 vehicle
tracking support. This low-profile antenna is designed for permanent roof top vehicular
installations. It is ideal for mass transit applications requiring voice coverage and GPS
tracking to improve operational dispatch and schedule maintenance efficiencies. The
antenna’s very low-profile design minimizes its exposure to theft or vandalism.
Features
• Extremely low-profile housing for minimum visibility and maximum overhead
clearance
• Multi-band frequency coverage and GPS support minimize the number of antennas
required on the vehicle for easier, more cost effective installations
• UV stability for long lasting outdoor operation
• Adhesive VHB tape layer supports permanent installation and provides added
protection to the vehicle’s surface
• Protective cable sheath for easier installation
GPS/GSM Multi-Band Through Hole Low-Profile Antenna
GPSGSMSMMSMA
GPSGSM - Permanent Mount
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Weight
Housing Material
Temperature Range
3.1 OD x 0.59 H in
(8 x 1.5 cm)
0.45 lbs
(.204 kg)
Black, UV-stable plastic
-40°C to +85°C
GPSGSMSMMSMA
* Gain will vary depending on frequency and method of installation. Measured on a 9-inch ground plane, not including cable attenuation.
** For other connector options, please refer to GPS Multi-Band Mobile Antenna Configurator Part Number Guide.
RoHS
COMPLIANT


Similar Part No. - GPSGSMSMMSMA

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
GPSGSMMMMSMA PCTEL-GPSGSMMMMSMA Datasheet
611Kb / 1P
GPS/GSM Multi-Band Magnetic Low-Profile Antenna
More results

Similar Description - GPSGSMSMMSMA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
American Accurate Compo...
JXTXGPS-CZG-2701 AAC-JXTXGPS-CZG-2701 Datasheet
108Kb / 1P
GPS/GSM Vehicle Antenna
logo
World Produts Inc.
WPANT30013-SB WPI-WPANT30013-SB Datasheet
116Kb / 2P
GPS & GSM Dual-band Glass Mount Antenna
WPANT30013-SB WPI-WPANT30013-SB_15 Datasheet
111Kb / 2P
GPS and GSM Dual-band Glass Mount Antenna
logo
Raltron Electronics Cor...
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
GPSGSM COMBINATION ANTENNA
Rev A
RDM-MBF5-A-5048-1M-X-001 RALTRON-RDM-MBF5-A-5048-1M-X-001 Datasheet
331Kb / 4P
GPSGSM COMBINATION ANTENNA
Rev. A
RDM-MBF6-A-8414-1M-X-001 RALTRON-RDM-MBF6-A-8414-1M-X-001 Datasheet
513Kb / 6P
GPSGSMWIFI COMBINATION ANTENNA
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com