Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCNAC-MPX Datasheet(PDF) 17 Page - Neutrik AG

Part # SCNAC-MPX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCNAC-MPX Datasheet(HTML) 17 Page - Neutrik AG

Back Button SCNAC-MPX Datasheet HTML 13Page - Neutrik AG SCNAC-MPX Datasheet HTML 14Page - Neutrik AG SCNAC-MPX Datasheet HTML 15Page - Neutrik AG SCNAC-MPX Datasheet HTML 16Page - Neutrik AG SCNAC-MPX Datasheet HTML 17Page - Neutrik AG SCNAC-MPX Datasheet HTML 18Page - Neutrik AG SCNAC-MPX Datasheet HTML 19Page - Neutrik AG SCNAC-MPX Datasheet HTML 20Page - Neutrik AG SCNAC-MPX Datasheet HTML 21Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.neutrik.com
17
neutriCON
neutriCON
Or dering Information for complete neutriCON set
Complete set (consisting of housing, insert, 8 contacts and chuck for cable connector)
OSC8F
Female cable connector, chuck principle, black housing, solder contacts
OSC8F-Ni
Female cable connector, chuck principle, nickel housing, solder contacts
OSC8M
Male cable connector, chuck principle, black housing, solder contacts
OSC8M-Ni
Male cable connector, chuck principle, nickel housing, solder contacts
ORP8F
Female panel mount receptacle, black housing, solder contacts
ORP8F-Ni
Female panel mount receptacle, nickel housing, solder contacts
ORP8M
Male panel mount receptacle, black housing, solder contacts
ORP8M-Ni
Male panel mount receptacle, nickel housing, solder contacts
Or dering Information for modular neutriCON system
Cable Connector:
Receptacle:
Female
Male
Modular system
FI8
Insert for cable connector and receptacle
MI8
Insert for cable connector and receptacle
BS1
Solder contact
PS1
Solder contact
BP1
PCB contact
PP1
PCB contact
SC8
Cable housing, black coated, 180° coding
MC8
Mating cable housing, black coated, 180° coding
SC8-Ni
Cable housing, nickel coated, 180° coding
MC8-Ni
Mating cable housing, nickel coated, 180° coding
SC81
Cable housing, black coated, 90° coding
MC81
Mating cable housing, black coated, 90° coding
SC81-Ni Cable housing, nickel coated, 90° coding
MC81-Ni Mating cable housing, nickel coated, 90° coding
SC8W
Cable housing, black coated, 180° coding, waterproof multipin connector according IP54
RP8
Receptacle, black coated, 180° coding
RP8-Ni
Receptacle, nickel coated, 180° coding
RP81
Receptacle, black coated, 90° coding
RP81-Ni Receptacle, nickel coated, 90° coding
SR8
Bushing and chuck type strain relief (standard)
SR8A
Crimp type strain relief for cable O.D. 3 – 3.8 mm (Hex crimp 5.41 mm acc. IEC 803, see also page 132)
SR8B
Crimp type strain relief for cable O.D. 6 – 7 mm (Hex crimp 7.01 mm acc. IEC 803, see also page 132)
SR8W
Bushing and chuck type strain relief for waterproof solution IP 54
BSP-*
Coloured boot, available in 10 resistor colours
* color coding: 0 - Black, 1- Brown, 2 - Red, 3 - Orange, 4 - Yellow, 5 - Green, 6 - Blue, 7 - Violet, 8 - Grey, 9 - White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com