Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDX Datasheet(PDF) 16 Page - Neutrik AG

Part # SCDX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCDX Datasheet(HTML) 16 Page - Neutrik AG

Back Button SCDX Datasheet HTML 12Page - Neutrik AG SCDX Datasheet HTML 13Page - Neutrik AG SCDX Datasheet HTML 14Page - Neutrik AG SCDX Datasheet HTML 15Page - Neutrik AG SCDX Datasheet HTML 16Page - Neutrik AG SCDX Datasheet HTML 17Page - Neutrik AG SCDX Datasheet HTML 18Page - Neutrik AG SCDX Datasheet HTML 19Page - Neutrik AG SCDX Datasheet HTML 20Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
setting standards
16
ORP8F-Ni
OSC8F
OSC8M-Ni
ORP8M
OSC8F / OSC8M
MODULAR SYSTEM
ORP8F / ORP8M
MC8 + SR8A/B + insert
neutriCON
neutriCON
neutriCON
neutriCON – V ersatile Cir cular Connectors
Polarization
Housing: Two variants of metal polarizing guides (90° and 180°).
Insert: The male and female insert can be assembled in all three
housings.
Coding 90°
Coding 180°
Push Pull locking
All metal housing
Colored bushing
available
• Complete set or modular system for any desirable configuration
• Contact configuration can be selected from 1 to 8 contacts
• Special crimp type strain relief establishes an ideal coaxial
connection of the cable shield to the connector shell for best
EMC shielding
• Precise and robust all metal housing absorbs vibration forces
and protects contact inserts
• Easy, fast and screwless assembly
• Push-pull self-locking system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com