Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC2815L Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KTC2815L
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTC2815L Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KTC2815L Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTC2815L Datasheet HTML 2Page - Inchange Semiconductor Company Limited KTC2815L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
KTC2815L
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-Base Sustaining Voltage
IC= 10uA; IE= 0
50
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
50
--
V
V(BR)EBO
Emitter-base Breakdown Voltage
IE=10uA, IC=0
5
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.05A
--
0.5
V
VBE(sat)
Base-Emitter Voltage
IC= 1A; IB= 0.05A
--
1.2
V
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0
--
0.1
uA
ICEO
Collector Cut-off Current
VCE= 50V; IB= 0
--
1
uA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
--
0.1
uA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 2V
70
240
hFE-2
DC Current Gain
IC= 1.5A ; VCE= 2V
40
--
hFE1 Classifications
O
Y
70-140
120-240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com