Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710213 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710213
Description  SmartDisc™ Low-Profile Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710213 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710213 Datasheet HTML 1Page - PCTEL, Inc. 710213 Datasheet HTML 2Page - PCTEL, Inc. 710213 Datasheet HTML 3Page - PCTEL, Inc. 710213 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SPECIFICATIONS
> pctel.com/antenna-products
Electrical Specifications – RF Antennas (All Models)
Frequency Ranges
VSWR
Peak Gain
Nominal
Impedance
Polarization
Radiation Pattern
Max. Power*
790 - 960 MHz
3:1
2.15 dBi
50Ω
Linear, vertical
Omnidirectional
10W
1710 - 2690 MHz
3:1
3.15 dBi
* All RF data are performed on a 5mm thick glass with a 20cm long RG316 cable.
Mechanical and Environmental Specifications (All Models)
Physical
Dimensions (D x H)
96 x 26mm
Weight
~190g
Material
PC/PBT/Aluminum alloy
Accessories
707154 – White angled bracket
201411 – Vertical bracket
Operating / Storage Temperature
-40°C to +85°C
IP Class
IP67
SmartDisc™ Low-Profile Antenna
Cellular Antennas (5G, LTE, CBRS, 3G, 2G) - Omnidirectional
Standard Configurations
Part Number
Housing Color
Installation Type
Cable Length (m)
Cable Color
Connector
710211
Black
Standard screw
2,5
Grey
SMA-m
710212
White
Standard screw
2,5
White
SMA-m
710213
Black
Standard screw
0,5
Grey
SMA-m
710234
Black
Standard screw
1,5
Grey
SMA-m
710284
White
Standard screw
1,5
White
SMA-m
710553
Grey
Standard screw
1,5
Grey
MCX-m angle
710214
White
Standard screw
0,5
White
SMA-m
710215
Black
Adhesive tape
0,5
Grey
SMA-m
710218
White
Adhesive tape
0,5
White
SMA-m
710219
White
Adhesive tape
2,5
White
SMA-m
710221
Black
Adhesive tape
2,5
Grey
SMA-m
DATASHEET ID 550 028 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com