Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710331 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710331
Description  Smarteq™ MiniWing™ LTE Multiband Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710331 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710331 Datasheet HTML 1Page - PCTEL, Inc. 710331 Datasheet HTML 2Page - PCTEL, Inc. 710331 Datasheet HTML 3Page - PCTEL, Inc. 710331 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
> pctel.com/antenna-products
Electrical Specifications
Frequency Ranges
790-960MHz
1710-2170MHz
2400-2690MHz
VSWR (typical)
< 3.0:1
< 2.1:1
< 2.1:1
Peak Gain (typical)
2dBi
2dBi
2dBi
Total Efficiency (average)
40%
40%
40%
Number of Ports
1
Impedance
50Ω
Polarization
Linear
Max power (ambient temp of 25ºC)
10W
Smarteq™ MiniWing™ LTE Multiband Antenna
Cellular Antennas (5G, LTE, CBRS, 3G, 2G) – Omnidirectional
SPECIFICATIONS
Mechanical and Environmental Specifications
Dimensions (L x W x H)
127 x 18 x 9.5mm
Weight
16g (incl. 100mm cable and connector)
Cable
RG174, black or Mini Low Loss
Different cable lengths are available upon request
Connector
SMA-m or FME-f
Different connectors are available upon request
Material
Dryflex, FR4
Color
Black
Installation
Adhesive mount on glass
Temperature (Storage / Operating)
-40°C to +85°C
IP Class
IP44
Compliance / Certifications
This part is RoHS compliant.
DATASHEET ID 550 144 F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com