Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPH7455 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # ASPH7455
Description  Mosaic® Vibration Resistant Collinear Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

ASPH7455 Datasheet(HTML) 1 Page - PCTEL, Inc.

  ASPH7455 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
Molded Base Antennas with Rubber “Elastomer” Spring
ASPH7455
ASP76551
ASP7795
U.S.Patent No. 4,625,213
Technical Data
Maximum Power:
150 watts
Polarization:
Vertical
Nominal Impedance:
50 ohms
VSWR at Resonance:
< 1.5:1 with a DURA-FLEX® spring
Radiator Material:
0.12” diameter, 17-7PH stainless steel
(5 dB models)
.100”-.062” diameter, 17-7PH stainless
steel (3 dB models)
Spring Material:
DURA-FLEX® elastomer (if included)
Transformer:
14 AWG copper clad steel wire, low loss
coil, waterproof housing (ASPH7455)
Base Coil:
14 AWG copper clad steel wire,
waterproof housing
Phasing Coil:
14 AWG copper wire, encapsulated with
radiators
Base and Fittings:
All brass
Mount Method:
Compatible with 1-1/8” -18 thread mobile
mounts, including 3/4” hole mounts
Mosaic® Vibration Resistant Collinear Antennas
PCTEL’s Mosaic® high performance collinear antennas provide exceptional cover-
age of VHF and UHF frequencies with 5 dB or 3 dB gain performance. They fea-
ture a black UV stabilized ABS base that resists chalking and provides long lasting
operation. Patented DURA-FLEX® elastomer spring eliminates duplex system noise
caused by semi-conductive deposits found in traditional coil springs. A springless
model is also available.
Features
• Enhanced Performance - all brass inserts eliminate interference caused by
dissimilar metals
• Long Life - black UV stabilized ABS base resists chalking and provides long
lasting operation
• Noise-Free - unique patented DURA-FLEX® elastomer spring eliminates du-
plex system noise caused by semi-conductive deposits found in traditional
metal coil springs
• System Oriented - compatible with 1-1/8” -18 thread mobile mounts, in-
cluding 3/4” hole mounts for easy antenna replacement or upgrade
Mechanical Specifications
Model
Antenna Height
ASP7455
54” max. including spring and coil
ASPH7455
Approximately 27”
ASP76551
Approximately 34”
ASP7795
Approximately 15”
Electrical Specifications
Model
Frequency Range
Gain
ASP7455
138-174 MHz
3 dB
ASPH7455
210-230 MHz
3 dB
ASP76551
445-470 MHz
5 dB
ASP7795
445-470 MHz
3 dB


Similar Part No. - ASPH7455

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
ASPHERICAL-LENSES COHERENT-ASPHERICAL-LENSES Datasheet
379Kb / 2P
ASPHERICAL LENSES
logo
FIBOX Enclosing innovat...
ASPHK10 FIBOX-ASPHK10 Datasheet
46Kb / 1P
Swing Panel Kit w/o Panel
18.07.2023
ASPHK12 FIBOX-ASPHK12 Datasheet
46Kb / 1P
Swing Panel Kit w/o Panel
18.07.2023
ASPHK14 FIBOX-ASPHK14 Datasheet
46Kb / 1P
Swing Panel Kit w/o Panel
18.07.2023
ASPHK16 FIBOX-ASPHK16 Datasheet
46Kb / 1P
Swing Panel Kit w/o Panel
18.07.2023
More results

Similar Description - ASPH7455

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
E99F PHILIPS-E99F Datasheet
579Kb / 21P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
SMD TCXO CMOS Highly shock and vibration resistant
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
Miniature SMD Crystal Highly shock and vibration resistant
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
logo
Radiometrix Ltd
VX2M RADIOMETRIX-VX2M Datasheet
769Kb / 9P
NBFM Vibration resistant Category 1 Multi-channel Transceiver
logo
Fox Electronics
C3VA FOX-C3VA Datasheet
321Kb / 2P
3.2mm x 2.5mm Vibration Resistant Crystal-Automotive
C3VR FOX-C3VR Datasheet
1,017Kb / 2P
3.2mm x 2.5mm Vibration Resistant Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com