Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMBD4448HT
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD4448HT Datasheet(HTML) 1 Page - Won-Top Electronics

  MMBD4448HT Datasheet HTML 1Page - Won-Top Electronics MMBD4448HT Datasheet HTML 2Page - Won-Top Electronics MMBD4448HT Datasheet HTML 3Page - Won-Top Electronics MMBD4448HT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: May, 2014
1
Pb
Features
Single and Dual Diode
K
Fast Switching
A
Surface Mount Package Ideally Suited for
Automatic Insertion
B
For General Purpose Switching Applications
C
Plastic Material – UL Recognition Flammability
Classification 94V-0
L
D
G
Mechanical Data
Case: SOT-523, Molded Plastic
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
E
Polarity: See Diagrams Below
Weight: 0.002 grams (approx.)
Marking: Device Code, See Page 3
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRSM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Repetitive Peak Forward Current
IFRM
500
mA
Continuous Forward Current
IO
250
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
4.0
1.0
A
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
833
°C/W
Note: 1. Mounted on FR-4 PC board with minimum recommended pad layout.
MMBD4448HT / HTA / HTC / HTS
SURFACE MOUNT FAST SWITCHING DIODE
WON-TOP ELECTRONICS
®
TOP VIEW
MMBD4448HT
TOP VIEW
MMBD4448HTA
TOP VIEW
MMBD4448HTC
TOP VIEW
MMBD4448HTS
SOT-523
Dim
Min
Max
A
0.15
0.30
B
0.75
0.85
C
1.45
1.75
D
0.50 Typical
E
0.90
1.10
G
1.50
1.70
H
0.60
0.80
J
0.02
0.10
K
0.10
0.30
L
0.10
0.20
All Dimensions in mm
H


Similar Part No. - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 12 - 2 March 2009
logo
Micro Commercial Compon...
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
More results

Similar Description - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com