Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NASE331M10V8X10.5LBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NASE331M10V8X10.5LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NASE331M10V8X10.5LBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NASE331M10V8X10.5LBF Datasheet HTML 1Page - NIC-Components Corp. NASE331M10V8X10.5LBF Datasheet HTML 2Page - NIC-Components Corp. NASE331M10V8X10.5LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
®
NIC COMPONENTS CORP.
w.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Surface Mount Aluminum Electrolytic Capacitors NASE Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• SUIT FOR HIGH TEMPERATURE REFLOW SOLDERING (UP TO 260°C)
• 2,000 HOUR LOAD LIFE @ +85°C)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
0.1 ~ 1,000µF
Operating Temp. Range
-40 ~ +85°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3µA
whichever is greater
Tan δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
3 ~ 4mm diameter & 6.3x5.5mm
0.26
0.22
0.18
0.16
0.13
0.12
6.3x8mm & 8~10mm diameter
0.35
0.26
0.20
0.16
0.14
0.12
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-25°C/Z+20°C
4
3
2
2
2
2
Z-40°C/Z+20°C
8
8
4
4
3
3
Load Life Test @ 85°C
All Case Sizes = 2,000 hours
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than ±200% of the specified maximum value
Leakage Current
Less than the specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
NASE 101 M 16V 6.3x5.5 N B F
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10µF
Series
RoHS Compliant
Termination/Packaging Code
Termination/Packaging Code
Termination/Packaging Code
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Reflow Temperature Code
Reflow Temperature Code
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Size in mm
Size in mm
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Working Voltage
Working Voltage
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
Third digit is no. of zeros, “R” indicates decimal for
values under 10
Series
Series
Series
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
Capacitance Code in
Capacitance Code in
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
RoHS Compliant
RoHS Compliant
RoHS Compliant
PART NUMBER SYSTEM
Cap.
(µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
R10
-
-
-
-
-
4x5.5
0.22
R22
-
-
-
-
-
4x5.5
0.33
R33
-
-
-
-
-
4x5.5
0.47
R47
-
-
-
-
-
4x5.5
1.0
1R0
-
-
-
-
-
4x5.5
2.2
2R2
-
-
-
-
-
4x5.5
3.3
3R3
-
-
-
-
-
4x5.5
4.7
4R7
-
-
-
4x5.5
4x5.5
4x5.5
5x5.5
10
100
-
-
4x5.5
4x5.5
5x5.5
5x5.5
6.3x5.5
22
220
4x5.5
-
4x5.5
-
6.3x5.5 6.3x5.5
5x5.5
33
330
-
5x5.5
5x5.5
6.3x5.5 6.3x5.5
6.3x8
8x10.5
47
470
5x5.5
-
5x5.5
6.3x5.5
6.3x8
8x10.5
6.3x5.5
10x10.5
100
101 6.3x5.5 6.3x5.5 6.3x5.5
6.3x8
8x10.5 8x10.5
10x10.5 10x10.5
220
221
-
6.3x8
8x10.5
8x10.5
10x10.5
-
10x10.5
330
331
6.3x8
8x10.5
8x10.5
10x10.5
-
-
10x10.5
470
471
8x10.5
8x10.5 8x10.5
-
-
-
10x10.5 10x10.5
1000
102 10x10.5
-
-
-
-
-
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3 Qty/Reel
4x5.5
4.0
5.5
4.3
4.3
1.8 0.5~0.8
1.0
1,500
5x5.5
5.0
5.5
5.3
5.3
2.2 0.5~0.8
1.3
1,000
6.3x5.5
6.3
5.5
6.6
6.6
2.7 0.5~0.8
1.8
1,000
6.3X8
6.3
8.0
6.6
6.6
2.7 0.5~0.8
1.8
500
8x10.5
8.0
10.5
8.3
8.3
2.9 0.8~1.1
3.1
300
10x10.5
10.0
10.5
10.3
10.3
3.2 0.8~1.1
4.5
300
0.3mm max.
Dφ
L
+
-
I
I
W
P
A
B
+
-
+
-
Code
Peak Reflow
Temperature
N
260°C
L
250°C
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
TERMINATION FINISH &
PACKAGING OPTIONS CODES


Similar Part No. - NASE331M10V8X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NASE331M10V8X105LBF NIC-NASE331M10V8X105LBF Datasheet
102Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NASE331M10V8X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com