Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NATT331M10V8X10.5KBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NATT331M10V8X10.5KBF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT331M10V8X10.5KBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NATT331M10V8X10.5KBF Datasheet HTML 1Page - NIC-Components Corp. NATT331M10V8X10.5KBF Datasheet HTML 2Page - NIC-Components Corp. NATT331M10V8X10.5KBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
58
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3 Qty/Reel
6.3x6.3
6.3
6.3
6.6
6.6
2.5
0.5~0.8
2.2
800
6.3X8
6.3
8.0
6.6
6.6
2.5
0.5~0.8
2.2
500
8x10.5
8.0
10.5
8.3
8.3
2.9
0.7~1.0
3.2
300
10x10.5
10.0
10.5
10.3
10.3
3.2
1.1~1.4
4.6
300
12.5x14
12.5
14.0
12.8
12.8
4.5
1.1~1.4
4.6
200
16x17
16.0
17.0
16.3
16.3
5.5
1.8~2.1
7.0
125
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
NIC Part Number
Cap.
(
µF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+125°C, 100KHz
Load Life Hours
@ +125°C
NATT101M6.3V6.3X6.3LBF
100
6.3
0.30
1.60
70
1,000
NATT221M6.3V6.3X8LBF
220
0.30
0.90
100
1,000
NATT331M6.3V8X10.5KBF
330
0.30
0.40
160
2,000
NATT471M6.3V8X10.5KBF
470
0.30
0.40
160
2,000
NATT681M6.3V10X10.5JBF
680
0.30
0.30
220
2,000
NATT102M6.3V12.5X14JBF
1000
0.30
0.12
550
2,000
NATT152M6.3V12.5X14JBF
1500
0.30
0.12
550
2,000
NATT222M6.3V12.5X14JBF
2200
0.30
0.12
550
2,000
NATT332M6.3V16X17HSF
3300
0.30
0.08
900
2,000
NATT472M6.3V16X17HSF
4700
0.30
0.08
900
2,000
NATT470M10V6.3X6.3LBF
47
10
0.24
1.60
70
1,000
NATT101M10V6.3X8LBF
100
0.24
0.90
100
1,000
NATT221M10V6.3X8LBF
220
0.24
0.90
100
1,000
NATT221M10V8X10.5KBF
220
0.24
0.40
160
2,000
NATT331M10V8X10.5KBF
330
0.24
0.40
160
2,000
NATT471M10V10X10.5JBF
470
0.24
0.30
220
2,000
NATT681M10V12.5X14JBF
680
0.24
0.12
550
2,000
NATT102M10V12.5X14JBF
1000
0.24
0.12
550
2,000
NATT152M10V12.5X14JBF
1500
0.24
0.12
550
2,000
NATT222M10V16X17HSF
2200
0.24
0.08
900
2,000
NATT332M10V16X17HSF
3300
0.24
0.08
900
2,000
NATT470M16V6.3X6.3LBF
47
16
0.20
1.60
70
1,000
NATT101M16V8X10.5KBF
100
0.20
0.40
160
2,000
NATT221M16V8X10.5KBF
220
0.20
0.40
160
2,000
NATT331M16V10X10.5JBF
330
0.20
0.30
220
2,000
NATT471M16V12.5X14JBF
470
0.20
0.12
550
2,000
NATT681M16V12.5X14JBF
680
0.20
0.12
550
2,000
NATT102M16V12.5X14JBF
1000
0.20
0.12
550
2,000
NATT152M16V16X17HSF
1500
0.20
0.08
900
2,000
NATT222M16V16X17HSF
2200
0.20
0.08
900
2,000
NATT330M25V6.3X6.3LBF
33
25
0.16
1.60
70
1,000
NATT470M25V6.3X8LBF
47
0.16
0.90
100
1,000
NATT101M25V6.3X8LBF
100
0.16
0.90
100
1,000
NATT101M25V8X10.5KBF
100
0.16
0.40
160
2,000
NATT221M25V8X10.5KBF
220
0.16
0.40
160
2,000
NATT221M25V10X10.5JBF
220
0.16
0.30
220
2,000
NATT331M25V10X10.5JBF
330
0.16
0.30
220
2,000
NATT331M25V12.5X14JBF
330
0.16
0.12
550
2,000
NATT471M25V12.5X14JBF
470
0.16
0.12
550
2,000
NATT681M25V12.5X14JBF
680
0.16
0.12
550
2,000
NATT102M25V16X17HSF
1000
0.16
0.08
900
2,000
NATT152M25V16X17HSF
1500
0.16
0.08
900
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com