Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V358ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # V358ID
Description  General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

V358ID Datasheet(HTML) 5 Page - STMicroelectronics

  V358ID Datasheet HTML 1Page - STMicroelectronics V358ID Datasheet HTML 2Page - STMicroelectronics V358ID Datasheet HTML 3Page - STMicroelectronics V358ID Datasheet HTML 4Page - STMicroelectronics V358ID Datasheet HTML 5Page - STMicroelectronics V358ID Datasheet HTML 6Page - STMicroelectronics V358ID Datasheet HTML 7Page - STMicroelectronics V358ID Datasheet HTML 8Page - STMicroelectronics V358ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TSV321-TSV358-TSV324
Electrical Characteristics
5/15
Table 4.
VCC = +5V, VDD = 0V, RL, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Vicm = Vout = VCC /2
TSV321/358/324
TSV321A/358A/324A
0.2
0.1
3
1
mV
∆Vio
Input Offset Voltage Drift
2
µV/°C
Iio
Input Offset Current (1)
Vicm = Vout = VCC /2
3
30
nA
Iib
Input Bias Current 1)
Vicm = Vout = VCC /2
70
130
nA
CMR
Common Mode Rejection Ratio 0
≤ Vicm ≤ VCC, Vout = VCC /2
65
85
dB
SVR
Supply Voltage Rejection Ratio
70
90
dB
Avd
Large Signal Voltage Gain
Vout = 0.5V to 2.5V
RL = 2kΩ
RL = 600Ω
83
77
92
85
dB
VOH
High Level Output Voltage
Vid = 100mV
RL = 2kΩ
RL = 600Ω
4.80
4.75
4.95
4.90
V
VOL
Low Level Output Voltage
Vid = -100mV
RL = 2kΩ
RL = 600Ω
88
115
130
188
mV
Io
Output Source Current
VID = 100mV, VO = VDD
20
80
mA
Output Sink Current
VID = -100mV, VO = VCC
20
80
ICC
Supply Current (per amplifier)
AVCL = 1, no load
500
835
µA
GBP
Gain Bandwidth Product
RL = 10kΩ, CL = 100pF, f = 100kHz
1
1.4
MHz
SR
Slew Rate
RL = 10kΩ, CL = 100pF, AV = 1
0.42
0.6
V/
µs
φm
Phase Margin
CL = 100pF
55
Degrees
en
Input Voltage Noise
27
nV/
√Hz
THD
Total Harmonic Distortion
0.01
%
1.
Maximum values including unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com