Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-R3-APD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFP-R3-APD
Description  8-Channel SDI/ASI Multiplexer/Demultiplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFP-R3-APD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFP-R3-APD Datasheet HTML 1Page - List of Unclassifed Manufacturers SFP-R3-APD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VS811 RevB June 2006
Video Products Group, Inc.
1380 Flynn Road
Camarillo, CA 93012
Tel: (805) 383-5500
Fax: (805) 383-5519
http://www.vpginc.com
Video Products Group, Inc. reserves the right to make
changes without notice to equipment specification or
design. The information provided in this document is
for guidance purposes only and shall not form part of
any contract.
© 2006 Video Products Group, Inc.
All rights reserved.
DIgITAl vIDEo
Standards:
SDI (SMPTE-259M)
SDTI (SMPTE-305M)
DVB-ASI (EN50083-9)
# of Inputs:
8 (VS811-EO)
# of Outputs:
8 (VS811-OE)
Connector:
BNC
Impedance:
75 Ohm
Data Rate:
270 Mbps
Equalization:
up to 300m w/Belden 8281
opTICAl TRAnSMITTER
# of Outputs:
2
Connector:
SC/PC
Data Rate:
3.125 Gbps
Laser Type:
SFP
Laser Wavelengths:
1310nm, 1550nm, CWDM, DWDM
Output Power Level:
0dBm min
Fiber Type:
Single Mode
opTICAl RECEIvER
# of Inputs:
1
Connector:
SC/PC
Receiver Type:
APD SFP
Input Wavelengths:
1260nm - 1620nm
Sensitivity:
≤-30dBm
Max Input Power:
-8dBm
Fiber Type:
Single Mode
RS422
# of Channels:
1
Connector:
3 pin polarized header
Data Rate:
up to 500 Kbps
lED InDICAToRS
VS811-EO
VS811-OE
Channel 1 Loss of Video
Channel 1 Loss of Video
Channel 2 Loss of Video
Channel 2 Loss of Video
Channel 3 Loss of Video
Channel 3 Loss of Video
Channel 4 Loss of Video
Channel 4 Loss of Video
Channel 5 Loss of Video
Channel 5 Loss of Video
Channel 6 Loss of Video
Channel 6 Loss of Video
Channel 7 Loss of Video
Channel 7 Loss of Video
Channel 8 Loss of Video
Channel 8 Loss of Video
SFP Primary Laser Failure
Loss of Primary Input
SFP Secondary Laser Failure
Loss of Secondary Input
DC Power
DC Power
VS811
ExTERnAl AlARMS
N/C relay contact outputs for Major and Minor Alarm signals.
nETwoRK MAnAgEMEnT
Compatible with the VS183 Comprehensive Network Management System
that features SNMP & Web Browser Interfaces that provide monitoring
and/or configuration of the card’s status, alarms & controls.
Alarms
Loss of Video
Laser Transmitter Failure (VS811-EO)
Loss of Input (VS811-OE)
Status
Channels Enabled/Disabled (VS811-EO)
Selected Test Pattern
Test Pattern Generator Enabled/Disabled
Model & Serial Number
Controls
Test Pattern Generator Enable/Disable
Input Channel Enable/Disable (VS811-EO)
Laser Transmitter Enable/Disable (VS811-EO)
phYSICAl AnD EnvIRonMEnTAl
Resides in a single slot of a VS101 or VS103 Ventura Series Chassis
Voltage:
+3.3V, +5V
Power Consumption:
10W max
Operating Temperature:
0˚ to 50˚C chassis ambient
Storage Temperature:
-40˚C to 85˚C ambient
Relative Humidity:
5% to 85%
Compliance:
NEBS Level 3, UL, CSA, CE,
FCC (Part 15, Class A), C-Tick
oRDERIng opTIonS
VS811-EO-SFP
Multiplexer Card w/dual SFP cages,
no optics installed
VS811-OE-SFP
Demultiplexer Card w/dual SFP
cages, no optics installed
SFP-TR3-1310-PIN-S
1310nm SFP Laser Module
SFP-TR3-1550-APD-S
1550nm SFP Laser Module
SFP-TR3-1470-APD-C
1470nm CWDM SFP Laser Module
SFP-TR3-1490-APD-C
1490nm CWDM SFP Laser Module
SFP-TR3-1510-APD-C
1510nm CWDM SFP Laser Module
SFP-TR3-1530-APD-C
1530nm CWDM SFP Laser Module
SFP-TR3-1550-APD-C
1550nm CWDM SFP Laser Module
SFP-TR3-1570-APD-C
1570nm CWDM SFP Laser Module
SFP-TR3-1590-APD-C
1590nm CWDM SFP Laser Module
SFP-TR3-1610-APD-C
1610nm CWDM SFP Laser Module
SFP-R3-APD
SFP APD Receiver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com