Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA676-R1S2-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LAA676-R1S2-1
Description  Hyper SIDELED Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAA676-R1S2-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LAA676-R1S2-1 Datasheet HTML 3Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 4Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 5Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 6Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 7Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 8Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 9Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 10Page - OSRAM GmbH LAA676-R1S2-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LS A676, LA A676, LO A676, LY A676
2002-09-18
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
OHL01296
0
0
20
40
60
80 ˚C 100
T
I
F
temp. ambient
temp. solder point
A
S
T
T
5
10
15
20
25
30
35
mA
A
T
S
T
I
OHL00233
F
-1
10
V
I
10
-3
-2
-1
0
1
10
10
10
10
10
0
10
1
10
2
5
5
5
55
mA
(20 mA)
I
V
super-red
yellow
orange/amber
T
OHL00238
0
V
I
-20
0
20
40
60
˚C 100
orange
A
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
amber
super-red
super-red
amber
yellow
orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com