Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C Datasheet(PDF) 1 Page - Tyco Electronics

Part # M93C
Description  Triple-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M93C Datasheet(HTML) 1 Page - Tyco Electronics

  M93C Datasheet HTML 1Page - Tyco Electronics M93C Datasheet HTML 2Page - Tyco Electronics M93C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+
&
'()
%& ,*+ - .
/
01&2+
13%4
5 +
,- /31,5 +
, (
2
#
6
!
7
8!
$
!
97
:
!
;$ #
!
##
!
"
8! $ )
< "
=9 !8 ;$
! 6
6 !
6 $!
!
! #
!
" $
" 8"
#
$
69 #
$
!
!
9
=
$
!
!$ 7
: $
69
-!> !
!
! !8
>
6
2+%:< ,:
7 2+%:< ,:
2+%:, %:
7
! $
9
2
2 !#
2
?
<23 ? !!
)
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2.
<</ ? !>
! %
0
4@ <</ 1
8$
0
4
/
/
+
!7%
* 0 !4
%A
'()
/
+
!7%
+0 !4
%A
'()
/
/ ? !>
! ?
#
%A .
/
/
.
+!#$ +B
/
/
.
.


Similar Part No. - M93C

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M93C MA-COM-M93C Datasheet
128Kb / 3P
Triple-Balanced Mixer
M93C MA-COM-M93C Datasheet
128Kb / 3P
Triple-Balanced Mixer
M93C MA-COM-M93C Datasheet
643Kb / 4P
Triple-Balanced Mixer
logo
STMicroelectronics
M93C-46BN6 STMICROELECTRONICS-M93C-46BN6 Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
M93C-46BN6TP STMICROELECTRONICS-M93C-46BN6TP Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
More results

Similar Description - M93C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com