Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FCP200 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4FCP200
Description  Silicon Flip Chip PIN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4FCP200 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4FCP200 Datasheet HTML 1Page - Tyco Electronics MA4FCP200 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Handling Procedures
The following precautions should be observed to avoid
damaging these devices.
Cleanliness
These devices should be handled in a clean environment. Do
not attempt to clean die after installation.
ESD
These devices very susceptible to ESD and are rated Class 0
(0-199V) per HBM MIL-STD-883, method 3015.7 [C = 100pF
±10%, R = 1.5k
Ω ±1%]. Even though tested die pass 100V
ESD, they must be handled in a static-free environment.
General Handling
The protective polymer coating on the active areas of these
devices provides scratch protection, particularly for the metal
airbridge that contacts the anode.
Die can be handled with
tweezers or vacuum pickups and are suitable for use with
automatic pick-and-place equipment.
Silicon Flip Chip PIN Diode
MA4FCP200
Mounting Techniques
These devices were designed for insertion onto hard or soft
substrates with the junction side down. They can be mounted
with conductive epoxy or with a low temperature solder
preform. The die can also be assembled with the junction side
up, and wire or ribbon bonds made to the pads.
Solder Die Attach
Solder that does not scavenge gold, such as Indalloy #2, is
recommended. Sn-Pb based solders are not recommended due
to solder embrittlement. Do not expose die to a temperature
greater than 235
°C, or greater than 200°C for longer than 10
seconds. No more than three seconds of scrubbing should be
required for attachment.
Epoxy Die Attach
Assembly can be preheated to 125 to 150
°C. Use a minimum
amount of silver epoxy.
Cure epoxy as per manufacturer’s
schedule. For extended cure times, temperatures should be kept
below 200
°C.
0
1
2
3
4
5
0
200
400
600
800
1000
FREQUENCY (MHz)
10mA
50mA
100mA
Typical Performance Curves @ +25°C
1
Typical Total Resistance RS vs. Forward
Current and Frequency
0.000
0.005
0.010
0.015
0.020
0.025
0
200
400
600
800
1000
FREQUENCY (MHz)
-10V
0V
Typical Total Capacitance CP vs. Reverse
Voltage and Frequency
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Forward Current
2
125 mA
Reverse Voltage
-70 V
Operating Temperature
-55°C to +150°C
Storage Temperature
-55°C to +150°C
Dissipated Power
2
145 mW
Mounting Temperature
+235°C for 10 seconds
1. Exceeding these limits may cause permanent damage.
2. Steady-state RθJL measured with die mounted in an ODS-186
package with conductive silver epoxy..
1. RS and CP measures on an HP4291A with die mounted in an ODS-186 package with conductive silver epoxy.
2
Applications
These devices are well suited as series diodes in broadband
multi-throw switches through 26 GHz. In addition, the excep-
tional RC product makes them useful as shunt switches at milli-
meter frequencies. The low parasitic values of L and C make
additional circuit tuning unnecessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com