Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0041 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAMSS0041
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0041 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAMSS0041 Datasheet HTML 1Page - Tyco Electronics MAAMSS0041 Datasheet HTML 2Page - Tyco Electronics MAAMSS0041 Datasheet HTML 3Page - Tyco Electronics MAAMSS0041 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
MAAMSS0041
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
M/A-COM makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does
M/A-COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
V2
RoHS
Compliant
Gain vs. Frequency over Temperature to 3 GHz
Gain vs. Frequency over Temperature to 1 GHz
Typical Performance Curves
Output Return Loss vs. Frequency over Temperature
Input Return Loss vs. Frequency over Temperature
Noise Figure vs. Frequency
13.0
13.5
14.0
14.5
15.0
15.5
16.0
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
-10
-5
0
5
10
15
20
0.00.5
1.01.5
2.02.5
3.0
-40°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.3
0.5
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com