Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0056 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0056
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0056 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0056 Datasheet HTML 1Page - Tyco Electronics MAAMSS0056 Datasheet HTML 2Page - Tyco Electronics MAAMSS0056 Datasheet HTML 3Page - Tyco Electronics MAAMSS0056 Datasheet HTML 4Page - Tyco Electronics MAAMSS0056 Datasheet HTML 5Page - Tyco Electronics MAAMSS0056 Datasheet HTML 6Page - Tyco Electronics MAAMSS0056 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0056
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VCC = 5V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
2140 MHz
dB
20
22
—
Input Return Loss
2140 MHz
dB
—
10
—
Output Return Loss
2140 MHz
dB
—
10
—
Output P1dB
2140 MHz
dBm
—
27.5
—
Output IP3
(+13 dBm / tone, 1 MHz spacing)
2140 MHz
dBm
—
42
—
Channel Power
(@ -45 dBc ACPR, WCDMA 64 channels fwd)
2140 MHz
dBm
—
22
—
Noise Figure
2140 MHz
dB
—
3.5
—
Quiescent Current
+5V
mA
—
190
—
Current @ 13 dBm Output
(+13 dBm / tone, 1 MHz spacing)
2140 MHz
mA
—
195
230
Lead-Free SOIC-8EP
†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com